công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4961-4M bảng dữ liệu(PDF) 76 Page - Infineon Technologies AG

tên linh kiện TLE4961-4M
Giải thích chi tiết về linh kiện  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-4M bảng dữ liệu(HTML) 76 Page - Infineon Technologies AG

Back Button TLE4961-4M Datasheet HTML 72Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 73Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 74Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 75Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 76Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 77Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 78Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 79Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
76
www.infineon.com/radar-for-iot
24 GHz partner modules
Partnering with the leading radar solution providers enables Infineon to connect our customers looking for turnkey
solutions and design support for a complete range of applications.
By integrating Infineon’s 24GHz MMIC chip into the partners easy-to-use and simple-to-integrate modules the complexity
and time to market for a range of applications such as smart home automation, camera & security systems, air
conditioners, UAVs, robotics, and smart lighting, are reduced.
Partners
Visit the link below to view our network of partners who provide modules and design support for all 24GHz industrial
applications: www.infineon.com/24GHzPartners
› Complete module, including radar
MMIC, antenna options, MCU signal
processing options, and SW options
(Doppler, FSK and FMCW versions
available)
› Ease of design
› Turnkey solution, no need for
test and certification
Features
Partner modules using
Infineon chips
Benefits
Module (RF module; RF module
+ MCU including SW)
24 GHz radar sensor ICs
Learn radar with Infineon on www.infineon.com/MakeRadar
For the first time, we bring radar to makers and developers. Here you can test, develop, and learn radar and its applications. At
www.infineon.com/makeradar, you will see how simple it has become to work with ultrasmall radar sensors. The board and
data will flow to your browser for testing, and this is not all, if you want to take the next step just take the available Arduino
code examples and start your project.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com