| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F87X bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87X bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 200 page ![]() PIC16F87X © 1998 Microchip Technology Inc. Preliminary DS30292A-page 15 2.2.2 SPECIAL FUNCTION REGISTERS The Special Function Registers are registers used by the CPU and Peripheral Modules for controlling the desired operation of the device. These registers are implemented as static RAM. A list of these registers is give in Table 2-1. The special function registers can be classified into two sets; core (CPU) and peripheral. Those registers asso- ciated with the core functions are described in detail in this section. Those related to the operation of the peripheral features are described in detail in that peripheral feature section. |