công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58WR064HT bảng dữ liệu(PDF) 30 Page - Numonyx B.V

tên linh kiện M58WR064HT
Giải thích chi tiết về linh kiện  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT bảng dữ liệu(HTML) 30 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 26Page - Numonyx B.V M58WR064HT Datasheet HTML 27Page - Numonyx B.V M58WR064HT Datasheet HTML 28Page - Numonyx B.V M58WR064HT Datasheet HTML 29Page - Numonyx B.V M58WR064HT Datasheet HTML 30Page - Numonyx B.V M58WR064HT Datasheet HTML 31Page - Numonyx B.V M58WR064HT Datasheet HTML 32Page - Numonyx B.V M58WR064HT Datasheet HTML 33Page - Numonyx B.V M58WR064HT Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
Command interface - Factory program commands
M58WR064HT, M58WR064HB
30/111
6.6
Program Phase
The Program Phase requires n+1 cycles, where n is the number of Words (refer to Table 7:
Factory Program Commands, and Figure 27: Enhanced Factory Program Flowchart).
Three successive steps are required to issue and execute the Program Phase of the
command.
1.
Use one Bus Write operation to latch the Start Address and the first Word to be
programmed, where the start address is the location of the first data to be
programmed. The Status Register Bank Write Status bit SR0 should be read to check
that the P/E.C. is ready for the next Word.
2.
Each subsequent Word to be programmed is latched with a new Bus Write operation.
The address can either remain the Start Address, in which case the P/E.C. increments
the address location or the address can be incremented in which case the P/E.C.
jumps to the new address. If any address that is not in the same block as the Start
Address is given with data FFFFh, the Program Phase terminates and the Verify Phase
begins. The Status Register bit SR0 should be read between each Bus Write cycle to
check that the P/E.C. is ready for the next Word.
3.
Finally, after all Words have been programmed, write one Bus Write operation with data
FFFFh to any address outside the block containing the Start Address, to terminate the
programming phase. If the data is not FFFFh, the command is ignored.
The memory is now set to enter the Verify Phase.
6.7
Verify Phase
The Verify Phase is similar to the Program Phase in that all Words must be resent to the
memory for them to be checked against the programmed data. The Program/Erase
Controller checks the stream of data with the data that was programmed in the Program
Phase and reprograms the memory location if necessary.
Three successive steps are required to execute the Verify Phase of the command.
1.
Use one Bus Write operation to latch the Start Address and the first Word, to be
verified. The Status Register bit SR0 should be read to check that the Program/Erase
Controller is ready for the next Word.
2.
Each subsequent Word to be verified is latched with a new Bus Write operation. The
Words must be written in the same order as in the Program Phase. The address can
remain the Start Address or be incremented. If any address that is not in the same
block as the Start Address is given with data FFFFh, the Verify Phase terminates.
Status Register bit SR0 should be read to check that the P/E.C. is ready for the next
Word.
3.
Finally, after all Words have been verified, write one Bus Write operation with data
FFFFh to any address outside the block containing the Start Address, to terminate the
Verify Phase.
If the Verify Phase is successfully completed the memory remains in Read Status Register
mode. If the Program/Erase Controller fails to reprogram a given location, the error will be
signaled in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com