công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58WR064HT bảng dữ liệu(PDF) 90 Page - Numonyx B.V

tên linh kiện M58WR064HT
Giải thích chi tiết về linh kiện  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT bảng dữ liệu(HTML) 90 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 86Page - Numonyx B.V M58WR064HT Datasheet HTML 87Page - Numonyx B.V M58WR064HT Datasheet HTML 88Page - Numonyx B.V M58WR064HT Datasheet HTML 89Page - Numonyx B.V M58WR064HT Datasheet HTML 90Page - Numonyx B.V M58WR064HT Datasheet HTML 91Page - Numonyx B.V M58WR064HT Datasheet HTML 92Page - Numonyx B.V M58WR064HT Datasheet HTML 93Page - Numonyx B.V M58WR064HT Datasheet HTML 94Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
Common Flash Interface
M58WR064HT, M58WR064HB
90/111
Table 39.
Bank and erase block region 1 information(1)
M58WR064HT
M58WR064HB
Description
Offset
Data
Offset
Data
(P+1A)h = 53h
0Fh
(P+1A)h = 53h
01h
Number of identical banks within Bank Region 1
(P+1B)h = 54h
00h
(P+1B)h = 54h
00h
(P+1C)h = 55h
11h
(P+1C)h = 55h
11h
Number of program or erase operations allowed in
region 1:
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase operations
(P+1D)h = 56h
00h
(P+1D)h = 56h
00h
Number of program or erase operations allowed in
other banks while a bank in same region is
programming
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase operations
(P+1E)h = 57h
00h
(P+1E)h = 57h
00h
Number of program or erase operations allowed in
other banks while a bank in this region is erasing
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase operations
(P+1F)h = 58h
01h
(P+1F)h = 58h
02h
Types of erase block regions in region 1
n = number of erase block regions with contiguous
same-size erase blocks.
Symmetrically blocked banks have one blocking
region.(2)
(P+20)h = 59h
07h
(P+20)h = 59h
07h
Bank Region 1 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase
blocks
Bits 16-31: n×256 = number of bytes in erase block
region
(P+21)h = 5Ah
00h
(P+21)h = 5Ah
00h
(P+22)h = 5Bh
00h
(P+22)h = 5Bh
20h
(P+23)h = 5Ch
01h
(P+23)h = 5Ch
00h
(P+24)h = 5Dh
64h
(P+24)h = 5Dh
64h
Bank Region 1 (Erase Block Type 1)
Minimum block erase cycles × 1000
(P+25)h = 5Eh
00h
(P+25)h = 5Eh
00h
(P+26)h = 5Fh
01h
(P+26)h = 5Fh
01h
Bank Region 1 (Erase Block Type 1): BIts per cell,
internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved 5Eh 01 5Eh 01
(P+27)h = 60h
03h
(P+27)h = 60h
03h
Bank Region 1 (Erase Block Type 1): Page mode
and synchronous mode capabilities
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com