công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58WR064HT bảng dữ liệu(PDF) 28 Page - Numonyx B.V

tên linh kiện M58WR064HT
Giải thích chi tiết về linh kiện  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT bảng dữ liệu(HTML) 28 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 24Page - Numonyx B.V M58WR064HT Datasheet HTML 25Page - Numonyx B.V M58WR064HT Datasheet HTML 26Page - Numonyx B.V M58WR064HT Datasheet HTML 27Page - Numonyx B.V M58WR064HT Datasheet HTML 28Page - Numonyx B.V M58WR064HT Datasheet HTML 29Page - Numonyx B.V M58WR064HT Datasheet HTML 30Page - Numonyx B.V M58WR064HT Datasheet HTML 31Page - Numonyx B.V M58WR064HT Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
Command interface - Factory program commands
M58WR064HT, M58WR064HB
28/111
6.3
Quadruple Word Program Command
The Quadruple Word Program command improves the programming throughput by writing a
page of four adjacent words in parallel. The four words must differ only for the addresses A0
and A1.
VPP must be set to VPPH during Quadruple Word Program, otherwise the command will be
ignored and the Status Register will not output any error.
If the block is protected, then the Quadruple Word Program operation will abort, the data in
the block will not be changed and the Status Register will output the error.
Five bus write cycles are necessary to issue the Quadruple Word Program command.
●
The first bus cycle sets up the Double Word Program Command.
●
The second bus cycle latches the Address and the Data of the first word to be written.
●
The third bus cycle latches the Address and the Data of the second word to be written.
●
The fourth bus cycle latches the Address and the Data of the third word to be written.
●
The fifth bus cycle latches the Address and the Data of the fourth word to be written
and starts the Program/Erase Controller.
Read operations to the bank being programmed output the Status Register content after the
programming has started.
Programming aborts if Reset goes to VIL. As data integrity cannot be guaranteed when the
program operation is aborted, the memory locations must be reprogrammed.
During Quadruple Word Program operations the bank being programmed will only accept
the Read Array, Read Status Register, Read Electronic Signature and Read CFI Query
command, all other commands will be ignored.
Dual operations are not supported during Quadruple Word Program operations and the
command cannot be suspended. Typical Program times are given in Table 16:
Program/Erase times and endurance cycles.
See Appendix C, Figure 21: Quadruple Word Program Flowchart and Pseudo Code, for the
flowchart for using the Quadruple Word Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com