công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F101X6 bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện STM32F101X6
Giải thích chi tiết về linh kiện  Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button STM32F101X6_08 Datasheet HTML 18Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 19Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 20Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 21Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 22Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 23Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 24Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 25Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Pin descriptions
STM32F101xx
22/74
-
-
85
-
PD4
I/O
FT
PD4
USART2_RTS
-
-
86
-
PD5
I/O
FT
PD5
USART2_TX
-
-
87
-
PD6
I/O
FT
PD6
USART2_RX
-
-
88
-
PD7
I/O
FT
PD7
USART2_CK
39
55
89
30
PB3/JTDO
I/O
FT
JTDO
PB3/TRACESWO
TIM2_CH2 /
SPI1_SCK
40
56
90
31
PB4/JNTRST
I/O
FT
JNTRST
PB4
TIM3_CH1 /
SPI1_MISO
41
57
91
32
PB5
I/O
PB5
I2C1_SMBAl
TIM3_CH2 /
SPI1_MOSI
42
58
92
33
PB6
I/O
FT
PB6
I2C1_SCL(8)/
TIM4_CH1(6) (8)
USART1_TX
43
59
93
34
PB7
I/O
FT
PB7
I2C1_SDA(8)/
TIM4_CH2(6) (8)
USART1_RX
44
60
94
35
BOOT0
I
BOOT0
45
61
95
-
PB8
I/O
FT
PB8
TIM4_CH3(6) (8)
I2C1_SCL
46
62
96
-
PB9
I/O
FT
PB9
TIM4_CH4(6) (8)
I2C1_SDA
-
-
97
-
PE0
I/O
FT
PE0
TIM4_ETR(6)
-
-
98
-
PE1
I/O
FT
PE1
47
63
99
36
VSS_3
SVSS_3
48
64
100
1
VDD_3
SVDD_3
1.
I = input, O = output, S = supply, HiZ= high impedance.
2.
FT= 5 V tolerant.
3.
Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower
number of peripherals that is included. For example, if a device has only one SPI, two USARTs and two timers, they will be
called SPI1, USART1 & USART2 and TIM2 & TIM 3, respectively. Refer to Table 2 on page 8.
4.
PC13, PC14 and PC15 are supplied through the power switch, and so their use in output mode is limited: they can be used
only in output 2 MHz mode with a maximum load of 30 pF and only one pin can be put in output mode at a time.
5.
Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup registers even
after reset (because these registers are not reset by the main reset). For details on how to manage these IOs, refer to the
Battery backup domain and BKP register description sections in the STM32F10xxx reference manual, available from the
STMicroelectronics website: www.st.com.
6.
Available only on devices with a Flash memory density equal or higher than 64 Kbytes.
7.
The pins number 2 and 3 in the VFQFPN36 package, and 5 and 6 in the LQFP48 and LQFP64 packages are configured as
OSC_IN/OSC_OUT after reset, however the functionality of PD0 and PD1 can be remapped by software on these pins. For
the LQFP100 package, PD0 and PD1 are available by default, so there is no need for remapping. For more details, refer to
the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual.
The use of PD0 and PD1 in output mode is limited as they can only be used at 50 MHz in output mode.
8.
This alternate function can be remapped by software to some other port pins (if available on the used package). For more
details, refer to the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual, available
from the STMicroelectronics website: www.st.com.
Table 3.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com