| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS2101 bảng dữ liệu(PDF) 12 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
FS2101 bảng dữ liệu(HTML) 12 Page - Agilent(Hewlett-Packard) |
|
12 / 48 page ![]() 12 The PCI Local Bus specification specifies that the AD lines and the C/BE lines carry different information at different times. This is referred to as multiplexed. Using the extra clocking features and additional pods of the logic analyzer the AD lines can be demultiplexed. By using the PCI Active Analysis Probe in demultiplexed mode the address of the transaction can be held throughout the transaction thus making triggering and performance analysis easier. Please note that the C/BE lines have been demultiplexed on the PCI Active Analysis Probe. Thus the command is held through the transaction and no additional clocking or pods is required. The latched command L_CMD signals are on pod 1 channels 10- 7. Logic Analyzer PCI Active Analysis Probe Comment Master POD 1 Header 1 POD 2 Header 2 POD 3 Header 3 POD 4 Header 4 POD 5 Header 5 16554/5/6/7 expander card POD 1 POD 6 Header 6 16554/5/6/7 expander card POD 2 Logic Analyzer PCI Active Analysis Probe Comment Master POD 1 Header 1 POD 2 Header 2 POD 3 Header 3 POD 4 Header 4 Multiplexed versus Demultiplexed 32 bit PCI Demultiplexed 32 bit PCI Multiplexed |