| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPF0900AMMA0ES bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMMA0ES bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring be required to move up to a different tier or generate a custom request to create a new device customization if possible. Finally, at the third level, all members of the PF09 family are provided with one-time programmable (OTP) registers to set the default hardware configuration and behaviors of the device at power-up. OTP configuration bits are discussed throughout this document in order to provide visibility of the possible configuration that can be achieve within the context of the functional behaviors of each configuration. However, OTP configuration is only possible during the part number customization stage (OTP ID generation) and cannot be modified during system operation. OTP emulation and programming performed by the customer is allowed during engineering development using NXP’s latest graphical user interface and socketed evaluation board. The customer is not allowed to perform OTP programming for production purposes. Only NXP or a recommended third party are allowed to program the device for production purposes. Contact your NXP representative for more detailed information on how to request a custom configuration or in- house programming procedure to generate custom parts suitable to your specific system needs. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 8 / 205 |