công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPF0900AMMA0ES bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện MPF0900AMMA0ES
Giải thích chi tiết về linh kiện  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 24Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 25Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
11.2.8 STANDBY state
The STANDBY state is a secondary functional state with programmable functionality to prioritize either system
monitoring or low-power operation.
After the device enters the RUN state, the MCU is able to request to enter the STANDBY state by asserting
the STBY pin with the correct polarity as defined by the STBY_POL bit. Refer to section Section 12.8.3 for a
detailed description of the STBY pin operation.
The default configuration of the STBY registers is loaded from the OTP registers upon starting the power-up
sequence. All functional I2C registers are accessible to read and write during the STANDBY state, as long as
the proper VDDIO is supplied.
The OTP_LP_STBY bit is provided to select whether the device enters the STANDBY state in a low-power
mode or monitored mode.
OTP_LP_STBY
Low-power STANDBY
0
Monitored STANDBY
1
Low-power STANDBY
Table 13. OTP_LP_STBY bit
When the PF09 is operating in monitored STANDBY mode, the device operates based on the configuration in
the STANDBY registers, with most monitoring functions available.
When the PF09 is operating in the low-power STANDBY mode, the device functionality is limited, to achieve low
quiescent currents.
Function
Monitored STANDBY
Low-power STANDBY
High-frequency clock
Always on
Enabled on demand
(during I2C communication)
Switching regulators mode
OFF, PWM or PFM
OFF or PFM
FS0B pin status (In Active safe state)
Always asserted (safe state)
Always asserted (safe state)
Internal voltage monitors
Enabled with voltage regulator
Disabled
External voltage monitors
Enabled (if VMONx_EN = 1)
Disabled
WD timer
Enabled (if WD_EN = 1)
Disabled
FCCU monitoring
Enabled [1][2]
Disabled
ERRMON monitoring
Enabled[1]
Disabled
Clock monitoring
Enabled
Disabled
Dynamic CRC
Enabled[1]
Disabled
The digital machine supervisor
Disabled
Disabled
The bandgap monitor
Enabled
Disabled
Thermal monitor
Enabled
Disabled
AMUX block
Available
Disabled
Table 14. STANDBY operation summary
[1]
If block is available in the device and/or OTP configuration.
[2]
FCCU monitoring allowed with limited functionality in the safe state.
The selection of the STANDBY mode is done during the OTP device customization stage, and will remain fixed
in the customized part number.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
22 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com