| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPF0900AMMA0ES bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMMA0ES bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring 4 Simplified application diagram aaa-056040 NVCC_BBMS_1V8 Always on i.MX95 VDD_GPIO_3P3 VDD_ANA_0P8 VDD_GPIO_1P8 VIN: 3.3 V to 5.0 V VDDQ_DDR VDD2_DDR SD_CARD NVCC_SD2 VDD_SOC Miscellaneous peripherals VVD1_1P8 1.8/3.3 V SD card LPDDR memory SIMCARD/ ethernet eMMC supply Ethernet VVD2_DDR VVDQ_DDR System reg VAON (1.8 V) PF09 SWI (0.7 V-1.0 V) PF53 VDD_ARM SWI (0.7 V-1.0 V) PF53 SW1 (3.3 V) SW2 (0.8 V) SW3 (1.8 V) SW4 (0.5 V-0.6 V) SW5 (1.05 V/1.1 V) LDO1 (3.3 V) LDO2 (1.8 V/3.3 V) LDO3 (0.65 V) Figure 1. Simplified application diagram i.MX95 PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 4 / 205 |