công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6102HVCMS8 bảng dữ liệu(PDF) 17 Page - Analog Devices

tên linh kiện LTC6102HVCMS8
Giải thích chi tiết về linh kiện  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 bảng dữ liệu(HTML) 17 Page - Analog Devices

Back Button LTC6102HVCMS8 Datasheet HTML 13Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 14Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 15Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 16Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 17Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 18Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 19Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 20Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
17
6102fe
For more information www.linear.com/LTC6102
Figure 6. V+ Powered Separately from Load Supply (VBAT)
6102 F06
LTC6102
ROUT
VOUT
RIN
VBAT
LOAD
(V+ – 2V) TO V+
RSENSE
V+
V–
OUT
+IN
V+
–INF
–INS
VREG
0.1µF
applicaTions inForMaTion
Output Filtering
The output voltage, VOUT, is simply IOUT • ZOUT. This
makes filtering straightforward. Any circuit may be used
which generates the required ZOUT to get the desired filter
response. For example, a capacitor in parallel with ROUT
will give a low pass response. This will reduce unwanted
noise from the output, and may also be useful as a charge
reservoir to keep the output steady while driving a switch-
ing circuit such as a mux or ADC. This output capacitor
in parallel with an output resistor will create a pole in the
output response at:
f
RC
dB
OUT
OUT
–
••
•
3
1
2
=
π
Useful Equations
Input Voltage: V
Voltage
SENSE =IR
SENSESENSE
•
GGain:
V
V
Current Gain:
I
I
OUT
SENSE
OUT
S
=
R
R
OUT
IN
EENSE
OUT
SENSE
Transconductance:
I
V
=
=
R
R
SENSE
IN
11
R
R
R
R
IN
SENSE
OUT
Transimpedance:
V
I
OUT
SENSE
=
•
IIN
Input Sense Range
TheinputsoftheLTC6102canfunctionfromV+to(V+ – 2V).
Not only does this allow a wide VSENSErange,italsoallows
the input reference to be separate from the positive supply
(Figure 6). Note that the difference between VBAT and V+
must be no more than the input sense voltage range listed
in the Electrical Characteristics table.
Monitoring Voltages Above V+ and Level Translation
TheLTC6102maybeconfiguredtomonitorvoltagesthatare
higher than its supply, provided that the negative terminal
of the input voltage is within the input sense range of the
LTC6102.Figure7illustratesacircuitinwhichtheLTC6102
has its supply pin tied to the lower potential terminal of the
sense resistor instead of the higher potential terminal. The
Figure 7. LTC6102 Supply Current Monitored with Load
–INF
–INS
LTC6102
ROUT
VOUT
6102 F07
RIN
LOAD
VBAT
RSENSE
V+
V–
OUT
+IN
VREG
0.1
µF
operation of the LTC6102 is such that the –INS and –INF
pins will servo to within a few microvolts of +IN, which is
shorted to V+. Since the input sense range of the LTC6102
includes V+, the circuit will operate properly. The voltage
across RSENSE will be held across RIN by the LTC6102,
causing current VSENSE/RIN to flow to ROUT. In this case,
the supply current of the LTC6102 is also monitored, as
it flows through RSENSE.
Because the voltage across RSENSE is not restricted to
the sense range of the LTC6102 in this circuit, VSENSE
can be large compared to the allowed sense voltage. This
facilitates the sensing of very large voltages, provided
that RIN is chosen so that VSENSE/RIN does not exceed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com