| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ANT-2.4-CW-RCL-RPS bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ANT-2.4-CW-RCL-RPS bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 73 page ![]() WINCS02IC and WINCS02 Family Appendix B: Acronyms and Abbreviations Data Sheet © 2024-2025 Microchip Technology Inc. and its subsidiaries DS70005577B - 71 Table 6-1. Acronyms and Abbreviations (continued) Acronyms Abbreviations OFB Output Feedback Mode OFDM Orthogonal Frequency Division Multiplexing OSC Oscillator OTA Over-the-Air OTP One Time Programmable PA Power Amplifier PCB Printed Circuit Board PMF Protected Management Frame PMU Power Management Unit POR Power-on Reset POSC Primary Oscillator PRIO Priority PTA Packet Traffic Arbitration PWM Pulse Width Modulation RF Radio Frequency ROM Read Only Memory RP Reverse Polarity RSSI Receive Signal Strength Indication RTCC Real Time Clock Calendar RTS Request-to-Send RX Receive SMA SubMiniature Connector SMD Surface Mount Device SRAM Static Random Access Memory SSL Secure Sockets Layer STM Standard Test Method TCP Transmission Control Protocol TLS Transport Layer Security TP Test Point TPC Transmit Power Control TX Transmit UART Universal Asynchronous Receiver/Transmitter UDP Unified Data Packet VQFN Very Thin Quad Flat No-lead WLAN Wireless Local Area Network WPA Wi-Fi® Protected Access XOSC Crystal Oscillator |