| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ANT-2.4-CW-RCL-RPS bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ANT-2.4-CW-RCL-RPS bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 73 page ![]() WINCS02IC and WINCS02 Family Data Sheet © 2024-2025 Microchip Technology Inc. and its subsidiaries DS70005577B - 3 • Computing, Wi-Fi Dongles, Protocol Bridging • Internet of Things (IoT) Sensor Tag • Remote Control • Wearable Smart Devices • Industrial Control Certifications • WINCS02 Module Certified to FCC, ISED, CE, UKCA, MIC, KCC and NCC Radio Regulations • RoHS and REACH Compliant Example Block Diagram Host MCU with BLE* MQTT, DNS, TLS File System TCP/IP Stack WINCS02 Secure Element* *Optional SPI PTA* I2C* WPA2/3, Wi-Fi R Notes: 1. For more details on the Extreme Deep Sleep (XDS) mode, refer to Extreme Deep Sleep (XDS) Current Consumption and MPLAB® Harmony WINCS02 WLAN Library. 2. Either the PTA functionality or the RTCC oscillator can be used. For more details, refer to Pin Details of WINCS02 Module. 3. For more details about the latest supported features, refer to the MPLAB® Harmony WINCS02 WLAN Library and WINCS02 Application Developer's Guide. |