công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC6989DYYR bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện TLC6989DYYR
Giải thích chi tiết về linh kiện  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 20Page - Texas Instruments TLC6989DYYR Datasheet HTML 21Page - Texas Instruments TLC6989DYYR Datasheet HTML 22Page - Texas Instruments TLC6989DYYR Datasheet HTML 23Page - Texas Instruments TLC6989DYYR Datasheet HTML 24Page - Texas Instruments TLC6989DYYR Datasheet HTML 25Page - Texas Instruments TLC6989DYYR Datasheet HTML 26Page - Texas Instruments TLC6989DYYR Datasheet HTML 27Page - Texas Instruments TLC6989DYYR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
7.5.3 SPI Command Format
Figure 7-9 and Table 7-2 define the format of the SPI command transmission. Each SPI command contains
multiple 16-bit words. The different types of words are:
• Command word: The command word always includes an identifier of the command type. Dependent on the
type, the command word also includes:
– Start address to be written or read. When field address = 0 means address 0x00.
– Length of the data that is transmitted or expected to be read. When the length field starts with opt, the
data is optional. Therefore, opt_data_length = 0 means 0 data words. For fields that do not start with opt,
data_length = 0 means 1 data word.
– Number of extra END bytes to append when forwarding data. When field extra_end_bytes = 0 means 0
additional END bytes. A maximum of 127 extra END bytes can be appended with one SPI command.
– Fixed data (in case of SOFTRESET_CRC command)
• Data word: Dependent of the command type this is data that needs to be forwarded (0 to N), register data
that is written to (0 to N) or read from (N+1 to M) the device, or data read from (N+1 to M) the RXFIFO.
• CRC word: There are 2 different CRC words in each command:
– CRC word that is generated by the SPI controller. This CRC is calculated over the SPI command word
and all transmitted data words (0 to N)
– CRC word that is generated by the SPI peripheral. This CRC is calculated over all the returned data words
(N+1 to M).
Two different CRC algorithms are supported. The default algorithm is CCITT-FALSE. This can be changed to
the CRC-16/XMODEM algorithm using the REG_WR command. After changing the CRC algorithm, the next
SPI command uses the new algorithm. Both algorithms are based on the polynomial X16 + X12 + X5 + 1.
CRC word 0
SDI
…...
Data word N
Data word 0
Command word
SCLK
SDO
…...
CRC word 1
…...
Data word M
Data word N+1
CS
Figure 7-9. SPI Command Format
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com