công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC6989DYYR bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện TLC6989DYYR
Giải thích chi tiết về linh kiện  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 19Page - Texas Instruments TLC6989DYYR Datasheet HTML 20Page - Texas Instruments TLC6989DYYR Datasheet HTML 21Page - Texas Instruments TLC6989DYYR Datasheet HTML 22Page - Texas Instruments TLC6989DYYR Datasheet HTML 23Page - Texas Instruments TLC6989DYYR Datasheet HTML 24Page - Texas Instruments TLC6989DYYR Datasheet HTML 25Page - Texas Instruments TLC6989DYYR Datasheet HTML 26Page - Texas Instruments TLC6989DYYR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
7.4.3 Normal State
To enable the transmission by the CCSI controller, the FLAG_POR needs to be cleared. If the communications
watchdog timer is enabled, and then expires due to a lack of communication, the device enters Failsafe state.
The device can be also forced into Failsafe state anytime in Normal state by setting bit FORCE_FS in register
DEVCTRL to 1. The FORCE_FS bit automatically returns to 0.
7.4.4 Failsafe State
When the device enters the Failsafe state, the TXFFCLR bit is set to stop any ongoing CCSI transmission.
The SPI peripheral is first reset when entering the Failsafe state. Afterwards, the SPI peripheral is kept alive to
allow communication to the device. However, there is no control over the CCSI controller and CCSI peripheral.
This means that when the SPI command starts with FWD, the data is ignored and not stored in the TXFIFO.
The device can quit from Failsafe to Normal state by setting bit EXIT_FS in register DEVCTRL to 1. The
EXIT_FS bit automatically returns to 0. Another method to bring the device to Normal state is by sending the
SOFTRESET_CRC SPI command.
7.5 Programming
The TLC6989 has a serial peripheral interface (SPI) peripheral which is a high-speed synchronous serial input
and output (I/O) port that allows a serial bit stream of 16 bits length to be shifted into and out of the device based
on the externally provided clock rate. The bit stream shifted into the device provides access to the programmable
functions and registers. The interface consists of 4 wires:
• Serial Data In (SDI)
• Serial Data Out (SDO)
• Serial Clock (SCLK)
• Chip Select (CS)
7.5.1 SPI Data Validity
The data on SDI wire must be stable at the rising edge of the SCLK wire. The data on SDO shifts out at the
falling edge of the SCLK wire. SDO can be forced to be disabled by the bit SPI_SDO_DIS in the SPICTRL
register. This is useful when the same command is broadcasted to multiple TLC6989 devices on a single SPI
bus. When no data is shifted into the device, the SCLK wire is expected to be logic LOW.
7.5.2 Chip Select (CS) and SPI Reset Control
The CS signal provides the ability to gate any spurious clock and data pulses. A HIGH logic signal on CS blocks
the peripheral to receive data. This prevents the SPI peripheral from losing synchronization with the controller. TI
does not recommend that the CS always be tied to the active state.
If the SPI peripheral does ever lose synchronization with the controller, providing a HIGH logic signal on CS
resets SPI peripheral including the bit counter. Another method is to stop the SCLK and wait longer than the
setting of the field SPI_RST_TIMEOUT_CFG in the SPICTRL register. This timeout starts counting from the first
rising clock edge of SCLK when the SPI peripheral is expecting the command word.
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com