công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM505 bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện DM505
Giải thích chi tiết về linh kiện  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button DM505 Datasheet HTML 42Page - Texas Instruments DM505 Datasheet HTML 43Page - Texas Instruments DM505 Datasheet HTML 44Page - Texas Instruments DM505 Datasheet HTML 45Page - Texas Instruments DM505 Datasheet HTML 46Page - Texas Instruments DM505 Datasheet HTML 47Page - Texas Instruments DM505 Datasheet HTML 48Page - Texas Instruments DM505 Datasheet HTML 49Page - Texas Instruments DM505 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 295 page
background image
46
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-9. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_casn
EMIF1 Column Address Strobe; When LPDDR2 is used this signal functions as
ddr1_ca1
O
F2
ddr1_ba0
EMIF1 Bank Address; When LPDDR2 is used this signal functions as ddr1_ca7
O
B3
ddr1_ba1
EMIF1 Bank Address; When LPDDR2 is used this signal functions as ddr1_ca8
O
A3
ddr1_ba2
EMIF1 Bank Address; When LPDDR2 is used this signal functions as ddr1_ca9
O
D2
ddr1_a0
EMIF1 Address Bus
O
U4
ddr1_a1
EMIF1 Address Bus; When LPDDR2 is used this signal functions as ddr1_ca5
O
C1
ddr1_a2
EMIF1 Address Bus; When LPDDR2 is used this signal functions as ddr1_ca6
O
D3
ddr1_a3
EMIF1 Address Bus
O
R4
ddr1_a4
EMIF1 Address Bus
O
T4
ddr1_a5
EMIF1 Address Bus
O
N3
ddr1_a6
EMIF1 Address Bus
O
T2
ddr1_a7
EMIF1 Address Bus
O
N2
ddr1_a8
EMIF1 Address Bus
O
T1
ddr1_a9
EMIF1 Address Bus
O
U1
ddr1_a10
EMIF1 Address Bus; When LPDDR2 is used this signal functions as ddr1_ca4
O
D1
ddr1_a11
EMIF1 Address Bus
O
R3
ddr1_a12
EMIF1 Address Bus
O
U2
ddr1_a13
EMIF1 Address Bus; When LPDDR2 is used this signal functions as ddr1_ca3
O
C3
ddr1_a14
EMIF1 Address Bus
O
R2
ddr1_a15
EMIF1 Address Bus
O
V1
ddr1_d0
EMIF1 Data Bus
IO
AA6
ddr1_d1
EMIF1 Data Bus
IO
AA8
ddr1_d2
EMIF1 Data Bus
IO
Y8
ddr1_d3
EMIF1 Data Bus
IO
AA7
ddr1_d4
EMIF1 Data Bus
IO
AB4
ddr1_d5
EMIF1 Data Bus
IO
Y5
ddr1_d6
EMIF1 Data Bus
IO
AA4
ddr1_d7
EMIF1 Data Bus
IO
Y6
ddr1_d8
EMIF1 Data Bus
IO
AA18
ddr1_d9
EMIF1 Data Bus
IO
Y21
ddr1_d10
EMIF1 Data Bus
IO
AA21
ddr1_d11
EMIF1 Data Bus
IO
Y22
ddr1_d12
EMIF1 Data Bus
IO
AA19
ddr1_d13
EMIF1 Data Bus
IO
AB20
ddr1_d14
EMIF1 Data Bus
IO
Y17
ddr1_d15
EMIF1 Data Bus
IO
AB18
ddr1_d16
EMIF1 Data Bus
IO
AA3
ddr1_d17
EMIF1 Data Bus
IO
AA2
ddr1_d18
EMIF1 Data Bus
IO
Y3
ddr1_d19
EMIF1 Data Bus
IO
V2
ddr1_d20
EMIF1 Data Bus
IO
U3
ddr1_d21
EMIF1 Data Bus
IO
V3
ddr1_d22
EMIF1 Data Bus
IO
Y2
ddr1_d23
EMIF1 Data Bus
IO
Y1
ddr1_d24
EMIF1 Data Bus
IO
U21
ddr1_d25
EMIF1 Data Bus
IO
T20
ddr1_d26
EMIF1 Data Bus
IO
R21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More