| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM505 bảng dữ liệu(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM505 bảng dữ liệu(HTML) 43 Page - Texas Instruments |
|
43 / 295 page ![]() 43 DM505 www.ti.com SPRS976E – NOVEMBER 2016 – REVISED MAY 2018 Submit Documentation Feedback Terminal Configuration and Functions Copyright © 2016–2018, Texas Instruments Incorporated 4.3.4 ADC NOTE For more information, see the ADC / ADC Overview of the Device TRM. Table 4-5. ADC Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL adc_in0 ADC analog channel input 0 A M19 adc_in1 ADC analog channel input 1 A M20 adc_in2 ADC analog channel input 2 A M21 adc_in3 ADC analog channel input 3 A M22 adc_in4 ADC analog channel input 4 A N22 adc_in5 ADC analog channel input 5 A N21 adc_in6 ADC analog channel input 6 A P19 adc_in7 ADC analog channel input 7 A P18 adc_vrefp ADC positive reference voltage A P20 4.3.5 Camera Control NOTE For more information, see the Imaging Subsystem (ISS) section of the Device TRM. Table 4-6. Camera Control Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL cam_strobe Camera flash activation trigger O A6, B18, C16, M17 cam_shutter Camera mechanical shutter control O C6, C18, C17, M18 cam_nreset Camera sensor reset IO W6 4.3.6 CPI Table 4-7. CPI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL cpi_pclk Camera pixel clock I F22 cpi_hsync Camera horizontal synchonization IO F21 cpi_vsync Camera vertical synchonization IO F20 cpi_data0 Camera parallel data 0 I F19 cpi_data1 Camera parallel data 1 I G19 cpi_data2 Camera parallel data 2 I G18 cpi_data3 Camera parallel data 3 I G21 cpi_data4 Camera parallel data 4 I G22 cpi_data5 Camera parallel data 5 I H18 cpi_data6 Camera parallel data 6 I H20 cpi_data7 Camera parallel data 7 I H19 cpi_data8 Camera parallel data 8 I H22 cpi_data9 Camera parallel data 9 I H21 cpi_data10 Camera parallel data 10 I J17 cpi_data11 Camera parallel data 11 I K22 cpi_data12 Camera parallel data 12 I K21 |