| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM505 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM505 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 295 page ![]() Copyright © 2016–2018, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback 39 DM505 www.ti.com SPRS976E – NOVEMBER 2016 – REVISED MAY 2018 Table 4-2. VIP Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL vin1a_clk0 Video Input 1 Port A Clock input. Input clock for 8-bit 16-bit or 24-bit Port A video capture. Input data is sampled on the CLK0 edge. I F22 vin1a_d0 Video Input 1 Port A Data input I G18 vin1a_d1 Video Input 1 Port A Data input I G21 vin1a_d2 Video Input 1 Port A Data input I G22 vin1a_d3 Video Input 1 Port A Data input I H18 vin1a_d4 Video Input 1 Port A Data input I H20 vin1a_d5 Video Input 1 Port A Data input I H19 vin1a_d6 Video Input 1 Port A Data input I H22 vin1a_d7 Video Input 1 Port A Data input I H21 vin1a_d8 Video Input 1 Port A Data input I J17 vin1a_d9 Video Input 1 Port A Data input I K22 vin1a_d10 Video Input 1 Port A Data input I K21 vin1a_d11 Video Input 1 Port A Data input I K18 vin1a_d12 Video Input 1 Port A Data input I AB17, K17 vin1a_d13 Video Input 1 Port A Data input I K19, U17 vin1a_d14 Video Input 1 Port A Data input I K20, W17 vin1a_d15 Video Input 1 Port A Data input I AA17, L21 vin1a_de0 Video Input 1 Port A Field ID input I F19, F21 vin1a_fld0 Video Input 1 Port A Field ID input I F20 vin1a_hsync0 Video Input 1 Port A Horizontal Sync input I F19 vin1a_vsync0 Video Input 1 Port A Vertical Sync input I G19 vin1b_clk1 Video Input 1 Port B Clock input I F21 vin1b_d0 Video Input 1 Port B Data input I J17 vin1b_d1 Video Input 1 Port B Data input I K22 vin1b_d2 Video Input 1 Port B Data input I K21 vin1b_d3 Video Input 1 Port B Data input I K18 vin1b_d4 Video Input 1 Port B Data input I K17 vin1b_d5 Video Input 1 Port B Data input I K19 vin1b_d6 Video Input 1 Port B Data input I K20 vin1b_d7 Video Input 1 Port B Data input I L21 vin1b_de1 Video Input 1 Port B Field ID input I W7 vin1b_hsync1 Video Input 1 Port B Horizontal Sync input I W7 vin1b_vsync1 Video Input 1 Port B Vertical Sync input I W6 |