công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E2211005VBWR bảng dữ liệu(PDF) 50 Page - Texas Instruments

tên linh kiện TUSB2E2211005VBWR
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBWR bảng dữ liệu(HTML) 50 Page - Texas Instruments

Back Button TUSB2E2211005VBWR Datasheet HTML 46Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 47Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 48Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 49Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 50Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 51Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 52Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 53Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
10 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The TUSB2E221 can be used in either HOST or Peripheral implementation. The mode is configured by the
eUSB2 SoC.
10.2 Typical Application: Dual Port System
Repeater
APU
1k
1k
VDD18
SCL
SDA
GND
RESETB
VDD33
VDD18
0.1uF+
0.1uF+
VDD12
CROSS
VSS
CROSS
EQ0
VDD3V3
SCL
SDA
EQ2/INT
VDD1V8
VIOSEL
EQ1
RESETB
eDP0
eDN0
eDN1
eDP1
DPA
DNA
DNB
DPB
DP
DN
DP
Connector 1
Connector 2
DN
VBUS
VBUS
10k*
10k*
10k*
10k*
*Pullup and Pulldown
Resistor Op ons
See PHY con gura on
+ Decoupling capacitors of
0.1uF should be placed
less than 2mm from the
power supply balls.
10k*
10k*
0.1uF
(optional)
Figure 10-1. Typical Dual Port System Implementation with 1.8V and I2C
10.2.1 Design Requirements
The TUSB2E221 supports the eUSB2 specification. eUSB2 SoC must be compliant to the eUSB2 specification.
10.2.2 Detailed Design Procedure
The TUSB2E221 has multiple loss compensation settings for high-speed operation so make sure the selected
settings match the system loss profile to optimize jitter performance. USB 2.0 high speed eye diagram
measurements can be used as a guide to confirm the loss compensation is optimum for a given system.
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
50
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com