| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB2E2211005VBWR bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB2E2211005VBWR bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 63 page ![]() 8 Detailed Description 8.1 Overview The TUSB2E221 is a dual eUSB2 to USB 2.0 repeater that resides between SoC with one or two eUSB2 port and an external connector that supports USB 2.0. Each repeater is independently configurable as either a host or device repeater (DRD repeater). The USB 2.0 ports A and B can be swapped by an internal crossbar switch by configuring CROSS pin at reset. The CROSS pin is ignored after power up reset. 8.2 Functional Block Diagram VDD3V3 Config & Control Registers (I2C) GND RESETB SCL SDA VDD1V8 Reference System IREF Bandgap PoR Internal Oscillator Clock & Reset LDOs Power System Common Module eDP0 USB/eUSB2 Translator & State Machine USB/eUSB2 Translator & State Machine eDN0 DPA DNA DNB DPB 2x2 CrossPoint Mux eDN1 eDP1 CROSS PHY CONFIG/GPIO EQ0 EQ1 EQ2/INT LDOs Power System VIOSEL eUSB0 eUSB1 USBA USBB OTP TUSB2E221 SNLS757D – JUNE 2024 – REVISED OCTOBER 2025 www.ti.com 22 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: TUSB2E221 |