| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB2E2211005VBWR bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB2E2211005VBWR bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 63 page ![]() 6.7 Timing Requirements MIN NOM MAX UNIT I/O TIMING t_GPIO_PW Minimum GPIO pulse width for INT event 8 µs RESET TIMING t_VDD1V8_RA MP Ramp time for VDD1V8 to reach minimum 1.62V 2 ms t_VDD3V3_RA MP Ramp time for VDD3V3 to reach minimum 3.0V 2 ms t_su_CROSS Setup time for CROSS sampled at the deassertion of RESETB 0 ms t_hd_CROSS Hold time for CROSS sampled at the deassertion of RESETB 3 ms t_aRESETB Duration for RESETB to be asserted low to complete reset while powered 10 µs t_RH_READY Time for device to be ready to accept RAP and I2C requests and eUSB2 interface to be ready after RESETB is deasserted or (VDD1V8 and VDD3V3) reach minimum recommended voltages, whichever is later 3 ms t_RS_READY Time for device to be ready to accept RAP and I2C requests and eUSB2 interface to be ready after soft reset through I2C 350 µs REPEATER TIMING TJ1E Total additive jitter for eUSB2 to USB 2.0 (output jitter - input jitter) of repeater when one of the two repeater is disabled. (must also include all complete SOP bits and measured with eUSB2 TX rise/fall time skew and intra-pair prop delay skew, refer to VCM_RX_AC) [RX EQ disabled, TX PE disabled, VOD nominal setting and no input or output channel]. Egress setup diagram 25 42 ps TJ1I Total additive jitter for USB to eUSB2 (output jitter - input jitter) of repeater when one of the two repeater is disabled. [RX EQ disabled, TX PE disabled, VOD nominal setting and no input or output channel]. Ingress setup diagram 25 42 ps TJ2E Total additive jitter for eUSB2 to USB (output jitter - input jitter) of repeater when both repeaters are active. [RX EQ disabled, TX PE disabled, VOD nominal setting and no input or output channel] 60 ps TJ2I Total additive jitter for USB to eUSB2 (output jitter - input jitter) of repeater when both repeaters are active. [RX EQ disabled, TX PE disabled, VOD nominal setting and no input or output channel] 60 ps Te_to_U_DJ1 eUSB2 to USB 2.0 repeater FS jitter to next transition (Per eUSB2 spec 1.1 Table 7-13 Note 1 & 2 condition for Supply and GND delta (1)) –6.0 +6.0 ns TU_to_e_DJ1 USB 2.0 to eUSB2 repeater FS jitter to next transition (Per eUSB2 spec 1.1 Table 7-13 Note1 & 2 condition for Supply and GND delta (1)) –3.0 +3.0 ns TDJ2_e2U Repeater FS paired transition jitter in eUSB2 to USB 2.0 direction (Relaxed relative to THDJ2 defined by USB 2.0 +/-1ns) –1.5 +1.5 ns TDJ2_U2e Repeater FS paired transition jitter in USB 2.0 to eUSB2 direction (Relaxed relative to THDJ2 defined by USB 2.0 +/-1ns) –1.5 +1.5 ns MODE TIMING TMODE_SWI TCH Time needed to change mode from UART bypass mode to and from USB mode 1 µs TUART_STAR T Time needed to start transmitting UART data after entering UART bypass mode 2 ms I2C (FM+) tSU_STA Start setup time, SCL (Tr=72ns to 120ns), SDA (Tf=6.5ns to 81.5ns), 1MHz FM+ 260 ns tSU_STO Stop setup time, SCL (Tr=72ns to 120ns), SDA (Tf=6.5ns to 81.5ns), 1MHz FM+ 260 ns tHD_STA Start hold time, SCL (Tr=72ns to 120ns), SDA (Tf=6.5ns to 81.5ns), 1MHz FM+ 260 ns TUSB2E221 SNLS757D – JUNE 2024 – REVISED OCTOBER 2025 www.ti.com 18 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: TUSB2E221 |