công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS799 bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện TPS799
Giải thích chi tiết về linh kiện  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TPS799 Datasheet HTML 25Page - Texas Instruments TPS799 Datasheet HTML 26Page - Texas Instruments TPS799 Datasheet HTML 27Page - Texas Instruments TPS799 Datasheet HTML 28Page - Texas Instruments TPS799 Datasheet HTML 29Page - Texas Instruments TPS799 Datasheet HTML 30Page - Texas Instruments TPS799 Datasheet HTML 31Page - Texas Instruments TPS799 Datasheet HTML 32Page - Texas Instruments TPS799 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS79901DDCR
SOT-23-
THIN
DDC
5
3000
180.0
8.4
3.1
3.05
1.1
4.0
8.0
Q3
TPS79901DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79901DDCR1G4
SOT-23-
THIN
DDC
5
3000
180.0
8.4
3.1
3.05
1.1
4.0
8.0
Q3
TPS79901DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79901DDCT
SOT-23-
THIN
DDC
5
250
180.0
8.4
3.1
3.05
1.1
4.0
8.0
Q3
TPS79901DRVT
WSON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS79901YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79901YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799125YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799125YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79912DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49