| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS799 bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS799 bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 49 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Nov-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TPS79901DDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DDCR.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DDCR1G4 Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DDCR1G4.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DDCRG4 Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R - Call TI Call TI -40 to 125 TPS79901DDCT Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DDCT.B Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DDCTG4 Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R - Call TI Call TI -40 to 125 TPS79901DRVR Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DRVR.B Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DRVRG4 Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DRVT Active Production WSON (DRV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901DRVT.B Active Production WSON (DRV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWT TPS79901YZUR Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 E9 TPS79901YZUR.B Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 E9 TPS79901YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 E9 TPS79901YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 E9 TPS799125YZUR Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 YZ TPS799125YZUR.B Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 YZ TPS799125YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 YZ TPS799125YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 YZ TPS79912DDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CCF Addendum-Page 1 |