công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411DCDDFR bảng dữ liệu(PDF) 42 Page - Texas Instruments

tên linh kiện TMP411DCDDFR
Giải thích chi tiết về linh kiện  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 38Page - Texas Instruments TMP411DCDDFR Datasheet HTML 39Page - Texas Instruments TMP411DCDDFR Datasheet HTML 40Page - Texas Instruments TMP411DCDDFR Datasheet HTML 41Page - Texas Instruments TMP411DCDDFR Datasheet HTML 42Page - Texas Instruments TMP411DCDDFR Datasheet HTML 43Page - Texas Instruments TMP411DCDDFR Datasheet HTML 44Page - Texas Instruments TMP411DCDDFR Datasheet HTML 45Page - Texas Instruments TMP411DCDDFR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
For n = 1.004 and T(°C) = 100°C, use Equation 5:
ERR
ERR
1.004
1.008
T
273.15
100 C
1.008
T
1.48 C
§
· u
¨
¸
©
¹
°
°
(5)
If a discrete transistor is used as the remote temperature sensor, please select the transistor according to the
following criteria results in the best accuracy.
1. Base-emitter voltage > 0.25V at 6µA, at the highest sensed temperature.
2. Base-emitter voltage < 0.95V at 120µA, at the lowest sensed temperature.
3. Base resistance < 100Ω
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).
Based on these criteria, TI recommends using two small-signal transistors, such as the 2N3904 (NPN) or
2N3906 (PNP).
9.2.2 Detailed Design Procedure
The temperature measurement accuracy of the TMP411/TMP411D depends on the remote or local temperature
sensor being at the same temperature as the monitored system point. If the temperature sensor is not in good
thermal contact with the part of the system being monitored, then there is a delay in the response of the sensor
to a temperature change in the system. For remote temperature sensing applications using a substrate transistor
(or a small, SOT-23 transistor) placed close to the device, this delay is typically not a concern.
The local temperature sensor inside the TMP411/TMP411D monitors the ambient air around the device. The
thermal time constant for the TMP411/TMP411D is approximately two seconds. This constant implies that if
the ambient air changes quickly by 100°C, the TMP411/TMP411D takes approximately 10 seconds (that is,
five thermal time constants) to settle within 1°C of the final value. In most applications, the TMP411/TMP411D
package is in electrical (and thermal contact) with the printed circuit board (PCB), and subjected to forced
airflow. The accuracy of the temperature measurement directly depends on how accurately the PCB and
forced airflow temperatures represent the temperature measured by the device. Additionally, the internal power
dissipation of the TMP411/TMP411D can cause the temperature to rise above the ambient or PCB temperature.
The internal power dissipated as a result of exciting the remote temperature sensor is negligible because of the
small currents used.
TMP411 (Legacy Chip): For a 3.3V supply and maximum conversion rate of eight conversions per second,
the TMP411 dissipates 1.32mW (PD IQ = 3.3V × 400µA). If the ALERT/ THERM2 and THERM pins are each
sinking 1mA, an additional power of 0.8mW is dissipated (PD OUT = 1mA × 0.4V + 1mA × 0.4V = 0.8mW). Total
power dissipation equals 2.12mW (PD IQ + PD OUT) and (with a θJA value of 150°C/W) causes the junction
temperature to rise approximately 0.318°C above the ambient.
TMP411 (New Chip): For a 3.3V supply and maximum conversion rate of eight conversions per second, the
TMP411 dissipates 0.149mW (PD IQ = 3.3V × 45µA). If the ALERT/ THERM2 and THERM pins are each sinking
1mA, an additional power of 0.8mW is dissipated (PD OUT = 1mA × 0.4V + 1mA × 0.4V = 0.8mW). Total
power dissipation equals 0.949mW (PD IQ + PD OUT) and (with a θJA value of 162°C/W) causes the junction
temperature to rise approximately 0.154°C above the ambient.
TMP411D: For a 3.3V supply and maximum conversion rate of eight conversions per second, the TMP411D
dissipates 0.149mW (PD IQ = 3.3V × 45µA). If the ALERT/ THERM2 and THERM pins are each sinking
1mA, an additional power of 0.8mW is dissipated (PD OUT = 1mA × 0.4V + 1mA × 0.4V = 0.8mW). Total
power dissipation equals 0.949mW (PD IQ + PD OUT) and (with a θJA value of 182°C/W) causes the junction
temperature to rise approximately 0.173°C above the ambient.
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com