công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411DCDDFR bảng dữ liệu(PDF) 36 Page - Texas Instruments

tên linh kiện TMP411DCDDFR
Giải thích chi tiết về linh kiện  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 32Page - Texas Instruments TMP411DCDDFR Datasheet HTML 33Page - Texas Instruments TMP411DCDDFR Datasheet HTML 34Page - Texas Instruments TMP411DCDDFR Datasheet HTML 35Page - Texas Instruments TMP411DCDDFR Datasheet HTML 36Page - Texas Instruments TMP411DCDDFR Datasheet HTML 37Page - Texas Instruments TMP411DCDDFR Datasheet HTML 38Page - Texas Instruments TMP411DCDDFR Datasheet HTML 39Page - Texas Instruments TMP411DCDDFR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
power dissipation to balance with the temperature register update rate. Table 8-5 lists the conversion rate
options and corresponding current consumption.
Table 8-5. Conversion Rate Register
CONVERSION RATE REGISTER (READ = 04h, WRITE = 0Ah, POR = 08h
R7
R6
R5
R4
R3
R2
R1
R0
CONVERSIONS
PER SECOND
AVERAGE IQ
(TYPICAL) (µA)
TMP411 (Legacy chip)
AVERAGE IQ
(TYPICAL)(µA)
TMP411 (New chip)
TMP411D
V+ = 2.7V
V+ = 5.5V
V+ = 2.7V and 5.5V
0
0
0
0
0
0
0
0
0.0625
11
32
1.5
0
0
0
0
0
0
0
1
0.125
17
38
1.8
0
0
0
0
0
0
1
0
0.25
28
49
2.5
0
0
0
0
0
0
1
1
0.5
47
69
3.8
0
0
0
0
0
1
0
0
1
80
103
6.5
0
0
0
0
0
1
0
1
2
128
155
12
0
0
0
0
0
1
1
0
4
190
220
23
07h to 0Fh
8
373
413
45
8.9 N-Factor Correction Register
The TMP411/TMP411D allows for a different n-factor value to convert remote channel measurements to
temperature. The remote channel uses sequential current excitation to extract a differential VBE voltage
measurement to determine the temperature of the remote transistor. Equation 1 relates the voltage and
temperature.
2
BE2
BE1
1
I
nkT
V
V
ln
q
I
§
·
¨
¸
©
¹
(1)
The value n is a characteristic of the particular transistor used for the remote channel. The default value for the
TMP411/TMP411D is n = 1.008. The value in the Table 8-6 adjusts the effective n-factor according to Equation 2
and Equation 3:
eff
ADJUST
1.008 300
n
(300 N
)
u
(2)
ADJUST
eff
300
1.008
N
300
n
§
·
u
¨
¸
©
¹
(3)
The n-correction value must be stored in two’s-complement format, yielding an effective data range from −128 to
127, as listed in Table 8-6. The n-correction value is written to and read from pointer address 18h. The register
power-on-reset value is 00h, which is not effected unless the value is written to.
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com