công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TMP411
Giải thích chi tiết về linh kiện  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 2Page - Texas Instruments TMP411 Datasheet HTML 3Page - Texas Instruments TMP411 Datasheet HTML 4Page - Texas Instruments TMP411 Datasheet HTML 5Page - Texas Instruments TMP411 Datasheet HTML 6Page - Texas Instruments TMP411 Datasheet HTML 7Page - Texas Instruments TMP411 Datasheet HTML 8Page - Texas Instruments TMP411 Datasheet HTML 9Page - Texas Instruments TMP411 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage
Pins 2, 3, 4 only
TMP411 (Legacy chip)
–0.5
(V+) + 0.5
V
Pins 6, 7, 8 only
–0.5
7
Pins 2, 3 only
TMP411 (New chip)
TMP411D
–0.5
2
V
Pins 4, 6, 7, 8 only
–0.5
6
Input current
10
mA
Power supply, V+
TMP411 (Legacy chip)
7
V
TMP411 (New chip)
TMP411D
6
Operating temperature range
–55
127
°C
Junction temperature, TJ(max)
150
°C
Storage temperature, Tstg
–60
130
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V+
Supply voltage, TMP411
2.7
3.3
5.5
V
Supply voltage, TMP411D
1.62
3.3
5.5
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TMP411/TMP411D
UNIT
D (SOIC)
Legacy chip
D (SOIC)
New chip
DGK
(VSSOP)
Legacy chip
DGK
(VSSOP)
New chip
DDF
(SOT-23)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
112.3
109.9
166.1
161.5
182.4
°C/W
Rθ
JC(top)
Junction-to-case (top) thermal resistance
59.4
49.8
58.3
71.1
98.9
°C/W
RθJB
Junction-to-board thermal resistance
53.0
56.9
86.7
96.6
99.1
°C/W
ψJT
Junction-to-top characterization parameter
13.6
6.0
7.5
9.2
10.4
°C/W
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com