công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TMP411
Giải thích chi tiết về linh kiện  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TMP411 Datasheet HTML 1Page - Texas Instruments TMP411 Datasheet HTML 2Page - Texas Instruments TMP411 Datasheet HTML 3Page - Texas Instruments TMP411 Datasheet HTML 4Page - Texas Instruments TMP411 Datasheet HTML 5Page - Texas Instruments TMP411 Datasheet HTML 6Page - Texas Instruments TMP411 Datasheet HTML 7Page - Texas Instruments TMP411 Datasheet HTML 8Page - Texas Instruments TMP411 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
4 Device Comparison
Table 4-1. Device Comparison
Feature
TMP411
TMP411D (2) , (4)
TMP421
TMP451 (1) , (4)
TMP461 (2) , (4)
TMP4718 (2) , (5)
VDD (V)
2.7 to 5.5
1.62 to 5.5
2.7 to 5.5
1.7 to 3.6
1.7 to 3.6
1.62 to 5.5
Local Temperature Accuracy (°C)
-40°C (max)
±2.5 (2)
±1
±2.5 (2)
±2
±1.25
±1
-25°C (max)
±2.5 (2)
±0.8
±2.5 (2)
±2
±1.25
±1
-10°C (max)
±2.5 (2)
±0.8
±2.5 (2)
±2
±1
±1
0°C (max)
±2.5 (2)
±0.8
±2.5 (2)
±1
±1
±1
15°C (max)
±1 (1)
±0.8
±1.5 (1)
±1
±1
±1
70°C (max)
±1 (1)
±0.8
±1.5 (1)
±1
±1
±1
85°C (max)
±1 (1)
±0.8
±1.5 (1)
±2
±1
±1
100°C (max)
±2.5 (2)
±1
±2.5 (2)
±2
±1
±1
125°C (max)
±2.5 (2)
±1
±2.5 (2)
±2
±1.25
±1
Remote Temperature Accuracy (°C)
-40°C (max)
±3 (1) , (3)
±1
±3 (1) , (3)
±2
±1.5
±1.5
-25°C (max)
±3 (1) , (3)
±0.8
±3 (1) , (3)
±2
±1.5
±1.5
-10°C (max)
±3 (1) , (3)
±0.8
±3 (1) , (3)
±2
±1.5
±1
0°C (max)
±3 (1) , (3)
±0.8
±3 (1) , (3)
±1
±0.75
±1
15°C (max)
±1 (1) , (3)
±0.8
±1 (1) , (3)
±1
±0.75
±1
70°C (max)
±1 (1) , (3)
±0.8
±1 (1) , (3)
±1
±0.75
±1
75°C (max)
±1 (1) , (3)
±0.8
±1 (1) , (3)
±2
±0.75
±1
85°C (max)
±3 (1) , (3)
±0.8
±1 (1) , (3)
±2
±0.75
±1
100°C (max)
±3 (1) , (3)
±1
±3 (1) , (3)
±2
±0.75
±1.5
105°C (max)
±5 (1) , (3)
±1
±5 (2) , (3)
±4
±1.5
±1.5
125°C (max)
±5 (1) , (3)
±1.25
±5 (2) , (3)
±4
±1.5
±1.5
Digital Input/Output
Resolution (Bit)
(Local & Remote)
L = 9 to 12
R = 12
L = 9 to 12
R = 12
L = 12
R = 12
L = 12
R = 12
L = 12
R = 12
L = 8
R = 11
VIH/VIL
2.1/0.8
2.1/0.8 &
70%/30% VDD
2.1/0.8
1.4/0.45
1.4/0.45
0.9/0.4
Current Consumption and Conversion Time (Typ: VDD=3.3V and 25°C)
TConv (ms)
(per channel)
115÷2
17.7
115
31÷2
15
17.7
IAVG at 0.0625Hz
(μA)
28
1.5
32
27
16
1.5
ISB (μA)
7.5
1
-
-
15
1
ISD (μA)
3
0.6
3
3
3
0.5
Features:
RSeriesCancellation, N-Factor Correction, Diode Fault Detection, Digital Filter
I2C Addresses
4 orderables
4 orderables
4 (A1/A0 pins)
2 orderables
9 (A1/A0 pins)
2 orderables
Packaging Dimension
Dimensions
[mm × mm × mm]
VSSOP
(8-pin)
3 × 4.9 × 1.1
SOIC
(8-pin)
4.9 × 6 × 1.75
SOT-23
(8-pin)
2.9 × 2.8 × 1.1
SOT-23
(8-pin)
2.9 × 2.8 × 1.1
DSBGA
(8-pin)
2.2 × 1 × 0.625
WSON
(8-pin)
2 × 2 × 0.8
WQFN
(10-pin)
2 × 2 × 0.8
VSSOP
(8-pin)
3 × 4.9 × 1.1
1. Temperature accuracy is specified over VDD= 3.3V.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com