công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-HT600 bảng dữ liệu(PDF) 15 Page - Panasonic Semiconductor

tên linh kiện SC-HT600
Giải thích chi tiết về linh kiện  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 bảng dữ liệu(HTML) 15 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 11Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 12Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 13Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 14Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 15Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 16Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 17Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 18Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
15.eps 175 lpi
45˚
black
ON
1 ENG
192k24b 2ch
LPCM
Digital
1
1
1 English 3/2.1 c h
-
-
-
2
2
1 : 46 : 50
Digital
ON
1 ENG
1
1 English 3/2.1 ch
1
2
2
2
1 : 46 : 50
Digital
ON
1 ENG
1
1 English 3/2.1 ch
1
Soundtracks
Selected Track
Number of Tracks
(Below)
Play Track
Subtitles
Angles
ENG: English
FRA: French
DEU: German
ITA: Italian
ESP: Spanish
NLD: Dutch
SVE: Swedish
NOR: Norwegian
DAN: Danish
FOR: Portuguese
RUS: Russian
JPN: Japanese
CHI : Chinese
KOR: Korean
MAL: Malayan
VIE: Vietnamese
THA: Thai
: Others
Changing soundtracks, subtitles and angles
Audio/Subtitle Language
Audio Language
In Disc where no language is recorded, - or -- is displayed in place.
(For SVCD only):
Soundtrack and subtitle number can be changed even if the
corresponding track is not recorded with any program.
Signal Type/Data
LPCM/PPCM/
Digital/DTS: Signal type
k(kHz): Sampling frequency
b: Bit
ch: Channel
e.g. 3 / 2 . 1 ch
.1: Low frequency effect
(No display, if no signal)
0: No surround
1: Mono surround
2: Stereo surround
1: Central
2: Left front + right front
3: Left front+ right front + central
(Moving pictures)
(For SVCD only)
You can change the subtitle language and turn the subtitles on and
off.
You can turn the subtitles on and off.
During play
Press [DISPLAY] to select disc information. (
Page18)
e.g.
Press [
,
] to select Subtitle.
Press [
,
] to select subtitle language.
In some cases, the subtitle language is not changed to the
selected one immediately.
For the language abbreviations, refer to Audio / Subtitle
Language on the left.
Clear/Display Subtitle
1 Press [
,
] to highlight the icons below.
2 Press [
,
] to select
OFF or ON .
Change Subtitle position and brightness
(
Page19)
(Moving Pictures)
During play
1 Press [DISPLAY] to select disc information. (
Page18)
e.g.
2 Press [
,
] to select Angle .
3 Press [
,
] to select different angles.
*
During play
Press [DISPLAY] to select disc information. (
Page18)
e.g.
Press [
,
] to select Audio or Audio mode .
Signal Type/Data (Below)
Press [
,
] to select Audio or Audio mode.
Press [
,
] in Audio menu, even though another track
has not been recorded in the DVD-Audio, the unit will display the
numbers of two tracks in normal conditions. The number of alive
track is 1.
You may also switch the audio in karaoke disc in this way. For details,
see disc instruction.
Refer to audio signal classification (
see below
).
OFF
1ENG
OFF
I love you
ON
1 ENG
ON
2 CHI
Subtitle
Angle
2
2
1 : 46 : 50
Digital
1 ENG 3/2 . 1 ch
ON
1
1 ENG
Audio
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com