| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC-HT600 bảng dữ liệu(PDF) 13 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC-HT600 bảng dữ liệu(HTML) 13 Page - Panasonic Semiconductor |
|
13 / 32 page ![]() K CMY CY MY CM Y M C 13.eps 175 lpi 45˚ black Play the whole groups by sequence ( see Page 14, All group play) Play an extra group Some discs have an extra group. If a menu password arises after selecting a group, you may use the number buttons to enter the password; you may also refer to the cover on the disc. Press [SHIFT] + [GROUP] at the same time. Press [ , ] to select the group number and press[ENTER]. Press [ , ] to select the track/picture number and press [ENTER]. You can also select the group and track/picture number with the numbered buttons. group number track number in the disc track number in the group total quantity of tracks in the disc - - e.g. After press the numbered buttons. To select a 2-digit number e.g.23 [ 10] [2] [3] Starting play from a selected item Press the numbered buttons then press [ENTER]. e.g. 123 [1] [2] [3] [ENTER]. This works only when stopped with some discs. When playing DVD-Audio and you want to start play from a track in a different group,select the group first ( right). Selecting groups to play Conduct programming and play ( see Page 14). At the same time, press [SHIFT] + [REPEAT] to display the All . Track All Off Group Off Chapter Title All Off During play list play. During all group,program and random play. - (When the elapsed play time is displayed) Repeat play During play Press [SHIFT] + [REPEAT] at the same time. The display changes each time you press the button. Program All Scene Playlist Off Track Group All Off e.g. To repeat only your favorite tracks/chapters When playing VCD/SVCD with playback control. During play Press [SHIFT] + [QUICK REPLAY]. This feature may not work while playing some parts of a disc or at all with some discs. Replaying a scene QUICK REPLAY Skip back a few seconds within the current item(program, track or title). : Skip back a few pictures. When menu screen appears on the television Press the numbered buttons to select an item. To select 1 or 2-digit number e.g. 23:[ 10] [ 2 ] [ 3 ]. When playing DVD, press [ , , , ] to select an item, and then press [ENTER] to confirm the selection. Now it begins to play the selected item. [RETURN]: Display menu scree. [TOP MENU]: Display the first menu screen. [MENU]:Display menu scree. 1. Press [ ] to clear PBC from the display. 2. Press the numbered buttons to select a track to start play. 3. Press [SHIFT] + [REPEAT],select repeat play mode. 2 2 1 2 Press [ ](Play) again to review the first few seconds of the chapters up to the one where you memorize the position. Play then resumes from the memorized position. Do not press [ ](Play)if you do not want to review chapters. Position Memory function Position memorized Flashes as you memorize a position. Chapter Review Press PLAY to Preview Chapters Press PLAY to Chapter Review (When the elapsed play time is displayed) Resume Function When the unit has memorized the stop position, the RESUME in the display of the main unit is on. Press [ ] (Play) to resume the play from this position. The position will be cleared in the following operations - The unit is shut down - Another signal source is selected or the Disc tray is opened. Press [ ] to clear the position. When RESUME in the display of the main unit is on, press [ ] (Play) to display one of these messages appears: 1.During play, press [SHIFT] + [P. MEMORY]. 2.Press [ ] to switch the unit to standby mode, or press [ ] to remove the disc or change signal source. When the unit is switched on, or reload the disc with memory position, or you select once again DVD/CD , the RESUME in the display of the main unit is on. 3.Press [ ] (Play) to start from this position, and the position memory is cleared. DVD-Video : Press [ ] (Play) again, Chapter Review will appear (Below) Memorize positions on up to five discs at one time .When you memorize the sixth position, the first position is replaced. This function does not work while playing some DVDs or play lists on DVD-RAM. Chapter Title Off - - - - - - - - - - - - - - - - - - |