công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-HT600 bảng dữ liệu(PDF) 27 Page - Panasonic Semiconductor

tên linh kiện SC-HT600
Giải thích chi tiết về linh kiện  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 bảng dữ liệu(HTML) 27 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 23Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 24Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 25Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 26Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 27Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 28Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 29Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 30Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 31Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
27.eps 175 lpi
45˚
black
3
2
1
46
7
0
9
10
8
ENTER
CANCEL
SETUP
RETURN
Numbered
buttons
/
,
,
,
5
The screen changes to display the menu.
Disc
Video
Audio
Display
Others
Press [
,
] to select the item you want to change,
and press[ENTER].
Press [
,
,
,
] to select options, and then
press [ENTER].
The screen now shows the menu again.
Press [
,
] to select menu's tab.
2
1
3
4
Entering password (Ratings)
1.
2.
3.
See page 26 for menu and option details.
Common procedures
Press [SETUP] to show the menus.
To return to the previous screen
Press [RETURN].
To exit the SETUP menu
Press [SETUP].
The password screen is shown when you select levels 0 to7.
Input a 4-digit password with the numbered buttons.
If you enter a wrong number, press [CANCEL] to erase it.
Press [ENTER].
The lock symbol appears closed to show the rating is
locked. Do not forget your password.
Press [ENTER] to confirm the 4 digits.
Now, when you insert a DVD-Video that exceeds the
ratings limit you set, a message appears on the television.
Follow the on-screen instructions.
Difference
Approx.50cm
Approx.100cm
Approx.150cm
Approx.200cm
a
b
Change the delay time (speaker setting)
Center speaker
Setting
1.3ms
2.6ms
3.9ms
5.3ms
Difference
Approx.200cm
Approx.400cm
Approx.600cm
Setting
5.3ms
10.6ms
15.9ms
Surround speakers
SELECT
ENTER RETURN
m s
m s
L
LS
R
SW
C
RS
0
0
Central delay time
Surround delay time
Exit
(For central-placed speakers and surround speakers only)
For optimum listening with 5.1-channel sound, all the speakers,
except for the Active subwoofer, should be the same distance
from the seating position. If you have to place the central or
surround speakers closer to the seating position, adjust the delay
time to make up for the difference.
1.Press [
,
,
,
] to select the item and press [ENTER].
2.Press [
,
] to select the setting and press [ENTER].
a
a
c
c
b
b
If the distance
(from the central speaker) and
(from the surround
speakers) are the same as or greater than
(from the front speakers),
leave the delay time as 0 the factory preset. If either distance
or
is less than
, find the difference in the relevant table and
change to the recommended setting.
Upon completion:
Press [
,
,
,
] to select Exit and press [ENTER]
Exit
The QUICK SETUP screen sppears when you press [SETUP] the
first time after purchase. (
Page10)
Disc
SELECT
Audio
Subtitle
Menus
Ratings
English
English
Automatic
Level 8
SETUP
TAB
SETUP
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com