công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD4062 bảng dữ liệu(PDF) 29 Page - Analog Devices

tên linh kiện AD4062
Giải thích chi tiết về linh kiện  Compact, Low Power, 16-Bit, Easy Drive SAR ADC with I3C Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD4062 bảng dữ liệu(HTML) 29 Page - Analog Devices

Back Button AD4062 Datasheet HTML 25Page - Analog Devices AD4062 Datasheet HTML 26Page - Analog Devices AD4062 Datasheet HTML 27Page - Analog Devices AD4062 Datasheet HTML 28Page - Analog Devices AD4062 Datasheet HTML 29Page - Analog Devices AD4062 Datasheet HTML 30Page - Analog Devices AD4062 Datasheet HTML 31Page - Analog Devices AD4062 Datasheet HTML 32Page - Analog Devices AD4062 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Data Sheet
AD4062
MODES OF OPERATION
analog.com
Rev. 0 | 29 of 71
SAMPLE MODE
In sample mode, a convert-start triggers a single conversion. At the
end of the conversion, the AD4062 generates a 16-bit result that
the controller device reads via the I3C bus.Table 18 lists the config-
uration register settings to select sample mode.Figure 51 shows a
typical connection diagram for the AD4062 digital interface.
Figure 52 and Figure 53 show interface timing diagrams for sam-
ple mode using the CONV_READ and CONV_TRIGGER registers
respectively. The tCONV specification quantifies the time delay be-
tween the convert-start and the end of conversion. The controller
must wait for the maximum tCONV delay before reading the result
over the I3C bus. The RDY signal acts as an optional hardware
interrupt to synchronize I3C reads to the ADC sampling phases
(see the Data Ready Signal section).
When reading from the CONV_READ register to trigger ADC con-
versions, each conversion result is output on each subsequent
read on the I3C bus (see the CONV_READ Register section).
When using the CONV_TRIGGER register to trigger ADC conver-
sions, the conversion result must be read from the register after
each conversion, or else the next write (and convert-start) will
overwrite the conversion results from the previous conversion (see
the CONV_TRIGGER Register section).
It is recommended to read the lower 16-bits of the CONV_READ
and CONV_TRIGGER registers in sample mode for the most effi-
cient readback. See Table 17 for the recommended ADDR_PTR
setting for data readback in sample mode.
In sample mode, the maximum sampling rate (fS) is limited by the
output data rate of the I3C bus, which is a function of the output
data length and the I3C bus characteristics. The fastest output
data rate is achieved by repeatedly reading from the CONV_READ
register, as shown in Figure 66. See the Calculating Serial Interface
Output Data Rate section for details on estimating the maximum
achievable fS for the given operating conditions.
When the DEV_EN signal is enabled, the start of the conversion
is delayed by the programmable tPWR_ON delay relative to the
convert-start. See the Device Enable Signal section and Figure 54
for specific timing details when using the DEV_EN signal.
If enabled, the DATA_READY_IBI occurs at the end-of-conversion
for the CONV_TRIGGER register and indicates that the ADC data
is ready to be read from the CONV_TRIGGER register by the
controller. (See In-Band Interrupts for more detail.)
Figure 51. Sample Mode Example Connection Diagram
Figure 52. Sample Mode Timing Diagram Using CONV_READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com