công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD4062 bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện AD4062
Giải thích chi tiết về linh kiện  Compact, Low Power, 16-Bit, Easy Drive SAR ADC with I3C Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD4062 bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button AD4062 Datasheet HTML 35Page - Analog Devices AD4062 Datasheet HTML 36Page - Analog Devices AD4062 Datasheet HTML 37Page - Analog Devices AD4062 Datasheet HTML 38Page - Analog Devices AD4062 Datasheet HTML 39Page - Analog Devices AD4062 Datasheet HTML 40Page - Analog Devices AD4062 Datasheet HTML 41Page - Analog Devices AD4062 Datasheet HTML 42Page - Analog Devices AD4062 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Data Sheet
AD4062
SERIAL INTERFACE
analog.com
Rev. 0 | 39 of 71
REGISTER ACCESS CRC
The AD4062 includes optional error checking for register reads and
writes based on CRC-8, using the following polynomial:
x8+x2+x+1
(5)
The CRC is enabled by setting the CRC_EN and CRC_EN_B bit
fields to 0x1 and 0x2, respectively. When the CRC is enabled, an
8-bit checksum code is appended to each register data byte. The
value of the checksum is calculated from the data read or written
over the I3C bus, which allows the AD4062 and the controller to
detect corrupted serial communications.
The CRC bytes are half duplex and are only sent by the controller
or the target at any one time. The CRC-8 calculation is seeded by
a nonzero value to detect if the SDA is stuck low. The seed for
the first CRC following each ACK bit is 0xA5. Table 20 summarizes
the data and seed values for all possible register read and write
transactions in configuration mode.
When the AD4062 receives a checksum that is inconsistent with its
corresponding I3C transaction, the transaction is considered invalid,
and the CRC_ERR bit in the INTERFACE_STATUS register is set
to 1. The CRC_ERR bit is a write-1-to-clear bit (R/W1C). When the
CRC is enabled, it is recommended to check the CRC_ERR bit
after each register read and write attempt.
For register writes and ADDR_PTR writes, the controller must send
a valid CRC byte following each byte of data. The CRC bytes
following the register writes and ADDR_PTR writes also have a
parity bit that the AD4062 verifies before updating the write data.
When a register write has an invalid CRC, the contents of the
register are not updated, and the CRC_ERR bit is asserted.
For register reads, the AD4062 calculates and sends a CRC byte
following the register data. The CRC byte transmitted by the
AD4062 following the first register read data byte factors in its
dynamic address so that the controller can validate that it is access-
ing data from the intended device. When the controller receives an
invalid CRC, the data must be assumed corrupted. The controller
should ignore the received data and retry the register read.
Table 20. CRC Data and Seed Values for I3C Writes
Instruction Phase CRC
Data Phase CRCs
Seed Input
Data Input
Seed Input
Data Input
0xA5
TGT_ADDR, RnW Bit, ADDR_PTR[7:0]
Byte
LSByte of Current Register Address
Data Phase Byte(s)
Table 21. CRC Data and Seed Values for I3C Reads
First Data Phase CRC
Subsequent Data Phase CRCs
Seed Input
Data Input
Seed Input
Data Input
0xA5
TGT_ADDR, RnW Bit, Data Phase
Byte(s)
LSByte of Current Register Address
Data Phase Byte(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com