công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV3012 bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện TLV3012
Giải thích chi tiết về linh kiện  TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3012 bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 20Page - Texas Instruments TLV3012 Datasheet HTML 21Page - Texas Instruments TLV3012 Datasheet HTML 22Page - Texas Instruments TLV3012 Datasheet HTML 23Page - Texas Instruments TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments TLV3012 Datasheet HTML 27Page - Texas Instruments TLV3012 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
The VHYST voltage sets the value of the transition voltage required to switch the comparator output by increasing
the threshold region, thereby reducing sensitivity to noise.
10.1.2 TLV3011B and TLV3012B Hysteresis
The TLV3011B and TLV3012B have typically 6mV of built-in hysteresis. External hysteresis can still be added as
explained in the previous section.
10.2 Typical Application
10.2.1 Under-Voltage Detection
Under-voltage detection is frequently required to alert the system that a battery voltage has dropped below
the usable voltage level. Figure 23 shows a simple under-voltage detection circuit using the TLV3012 which is
configured as a non-inverting comparator with the integrated 1.242 V reference is externally connected to the
inverting input pin (IN-).
+
–
1.242 V
ALERT
Micro-
Controller
V+
R1
R2
VBATT
TLV3012
Figure 10-3. Under-Voltage Detection
10.2.1.1 Design Requirements
For this design, follow these design requirements:
• Operate from power supply that powers the microcontroller.
• Under-voltage alert is active low.
• Logic low output when VBAT is less than 2.0V.
10.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 10-3. Connect (V+) to VBAT which also powers the microcontroller.
Resistors R1 and R2 create the under-voltage alert level of 2.0 V. When the battery voltage sags down to 2.0
V, the resistor divider voltage crosses VREF, the 1.242 V reference threshold of the TLV3012. This causes the
comparator output to transition from a logic high to a logic low. The push-pull output of the TLV3012 is selected
since the comparator operating voltage is shared with the microcontroller which is receiving the under-voltage
alert signal.
Equation 2 is derived from the analysis of Figure 10-3.
(2)
where
TLV3011, TLV3012, TLV3011B, TLV3012B
SBOS300C – FEBRUARY 2004 – REVISED APRIL 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011 TLV3012 TLV3011B TLV3012B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com