công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431CLPR.A bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện TL431CLPR.A
Giải thích chi tiết về linh kiện  TL431, TL432 Precision Programmable Reference
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TL431CLPR.A bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button TL431CLPR.A Datasheet HTML 28Page - Texas Instruments TL431CLPR.A Datasheet HTML 29Page - Texas Instruments TL431CLPR.A Datasheet HTML 30Page - Texas Instruments TL431CLPR.A Datasheet HTML 31Page - Texas Instruments TL431CLPR.A Datasheet HTML 32Page - Texas Instruments TL431CLPR.A Datasheet HTML 33Page - Texas Instruments TL431CLPR.A Datasheet HTML 34Page - Texas Instruments TL431CLPR.A Datasheet HTML 35Page - Texas Instruments TL431CLPR.A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
10 Device and Documentation Support
10.1 Device Nomenclature
TI assigns suffixes and prefixes to differentiate all the combinations of the TL43x family. The Eco Plan designator
is a legacy designator that was used to differentiate Pb-free and Green devices. More details and possible
orderable combinations are located on the Package Option Addendum in Mechanical, Packaging, and Orderable
Information.
TL431 X X XXX X XX
Product
Opera ng Free-Air
Temperature
Package
Type
Package
Quan ty
Eco Plan
Ini al
Accuracy
1: TL431
2: TL432*
B: 0.5%
A: 1%
(Blank): 2%
DCK: SC-70
D: SOIC
P: PDIP
PK: SOT-89
PS: SO
DBV: SOT-23-5
DBZ: SOT-23-3
PW: TSSOP
LP: TO-92
(Bulk package, Straight lead)
LPR: TO-92
(Reel package, Formed Lead)
LPM: TO-92
(Ammo package, Formed Lead)
C: 0°C to 70°C
I: -40°C to 85°C
Q: -40°C to 125°C
R: Tape & Reel
T: Small Tape & Reel
G3: Legacy Designator
G4: Legacy Designator
E3: Legacy Designator
E4: Legacy Designator
*(Cathode and REF
pins are switched)
10.2 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 10-1. Related Links
PARTS
PRODUCT FOLDER
SAMPLE & BUY
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
TL431
Click here
Click here
Click here
Click here
Click here
TL432
Click here
Click here
Click here
Click here
Click here
10.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com