| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF600T bảng dữ liệu(PDF) 9 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
RF600T bảng dữ liệu(HTML) 9 Page - rfsolutions.ltd |
|
9 / 13 page ![]() DS601-4 25 th JUN 2004 ©2004 Reg. No. 227 4001, ENGLAND Page 9 Smart Com Radio Transceiver IC RF600T RF600T application circuit – minimum implementation. This circuit shows the minimum implementation of the RF600T. Two such circuits should be constructed with RXDATA_RF connected to TXDATA_RF (that is the RF data paths are crossed over). Data input on the TXDATA_HOST input of one RF600T will then appear on the RXDATA_HOST pin of the other RF600T. Note that in this circuit the host data rate is fixed at 9600 bauds and the ‘RF’ data element time is 400 us. Either broadcast or addressed modes may be used depending on the setting of the option link. |