công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF600T bảng dữ liệu(PDF) 2 Page - rfsolutions.ltd

tên linh kiện RF600T
Giải thích chi tiết về linh kiện  Smart Com Radio Transceiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFSOLUTIONS [rfsolutions.ltd]
Trang chủ  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T bảng dữ liệu(HTML) 2 Page - rfsolutions.ltd

  RF600T Datasheet HTML 1Page - rfsolutions.ltd RF600T Datasheet HTML 2Page - rfsolutions.ltd RF600T Datasheet HTML 3Page - rfsolutions.ltd RF600T Datasheet HTML 4Page - rfsolutions.ltd RF600T Datasheet HTML 5Page - rfsolutions.ltd RF600T Datasheet HTML 6Page - rfsolutions.ltd RF600T Datasheet HTML 7Page - rfsolutions.ltd RF600T Datasheet HTML 8Page - rfsolutions.ltd RF600T Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS601-4
25
th JUN 2004
©2004 Reg. No. 227 4001, ENGLAND
Page 2
Smart Com Radio Transceiver IC
RF600T
Pin Descriptions
Pin
Number
Name
Type
Description
1
RxR
In
Received data from RF module.
2
CTS
LOOP
Out
In
Dual Function:
1. Clear to send data (to host) when low.
2
2.. Enables loopback mode when low.
3
LEARN
In/Out
In addressed mode: Used to initiate ‘address learn’ and erase
functions. Drives indicator LED.
4
RTS
In
Request to send data (from host) when low.
5
GND
In
Connect to 0 volts.
6
MODE
In
Device mode, addressed when high, broadcast when low.
7
TxH
In
Serial data from the host, to be sent on the RF path.
8
RxH
Out
Serial data from the RF path to be sent to the host.
9
TxR
HBAUD
Out
In
Dual Function:
1. Transmit data to the RF module.
2. Host baud rate select. See notes below.
10
TXEN
RFBAUD
Out
In
Dual Function:
1. Transmit enable (low) for the RF module.
2
2.. RF baud rate select. See notes below.
11
RXEN
Out
Receive enable (low) for the RF module.
12
IN1
In
Telemetry logic input #1. (addressed mode only)
13
IN2
In
Telemetry logic input #2. (addressed mode only)
14
Vcc
In
Positive supply voltage connection.
15
OSC2
Out
Connect to 4MHz, 3 terminal resonator.
16
OSC1
In
Connect to 4MHz, 3 terminal resonator.
17
OUT1
Out
Telemetry logic output #1. (addressed mode only)
18
OUT2
Out
Telemetry logic output #2. (addressed mode only)
Operating Modes
The device is capable of operation in one of two modes, either broadcast or addressed. The following description
describes the features of these mode and assumes two identical system nodes ‘A’ and ‘B’ each consisting of an
RF600T and its associated radio transceiver module.
The RF600T must be configured before power up for either the broadcast or addressed mode of operation by
means of the MODE pin (6). Note that for security, broadcast nodes will not receive data from addressed nodes.
Broadcast mode.
This mode allows a host generated data block from node ‘A’ to be transmitted and received by any number of
other nodes. This data is received and verified (for correct Manchester coding and CRC) by the other nodes before
being output to their host devices. Alternately, in the same way the other nodes can send data to node ‘A’. Note
that although any node can initiate a transfer, only one direction of transfer can be active at a given time.
Correct reception of a data packet is not acknowledged and the host nodes have the responsibility of ensuring that
data transfers occur as required by operating some form of message protocol over the half duplex data link.
Addressed mode
This mode allows a host generated data block from node ‘A’ to be transmitted and for the data frame to be
addressed to one other network node – in this case we assume node ‘B’. When the data is received by node ‘B’ it
is verified for correct Manchester coding, CRC and for address match and then an acknowledge message is
transmitted back to node ‘A’. Node ‘A’ then outputs a confirmation to the host in the form of the ASCII character ‘C’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13