| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF600T bảng dữ liệu(PDF) 8 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
RF600T bảng dữ liệu(HTML) 8 Page - rfsolutions.ltd |
|
8 / 13 page ![]() DS601-4 25 th JUN 2004 ©2004 Reg. No. 227 4001, ENGLAND Page 8 Smart Com Radio Transceiver IC RF600T Application Circuit The circuit shown below is for a typical RF600T application. A 9 way ‘D’ connector provides an RS232 termination to the host system and the RXQ1 hybrid contains all of the circuitry required to implement the RF path. In many applications it will be possible to dispense with the option links and hard-wire the options to the desired settings. Note however that the host and RF baud options and loop option must be set using resistors as described above. RF600T Application Circuit with RXQ1 Transceiver and RS232 Interface. |