công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ120 bảng dữ liệu(PDF) 92 Page - STMicroelectronics

tên linh kiện L99DZ120
Giải thích chi tiết về linh kiện  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 bảng dữ liệu(HTML) 92 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 88Page - STMicroelectronics L99DZ120 Datasheet HTML 89Page - STMicroelectronics L99DZ120 Datasheet HTML 90Page - STMicroelectronics L99DZ120 Datasheet HTML 91Page - STMicroelectronics L99DZ120 Datasheet HTML 92Page - STMicroelectronics L99DZ120 Datasheet HTML 93Page - STMicroelectronics L99DZ120 Datasheet HTML 94Page - STMicroelectronics L99DZ120 Datasheet HTML 95Page - STMicroelectronics L99DZ120 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 161 page
background image
Application information
L99DZ120
92/161
DS11567 Rev 5
The safety block is surrounded by a GND isolation ring realized by deep trench isolation.
The LS driver must work down to a lower voltage than the other circuits. The block has its
own internal supply and an own oscillator for monitoring the failure signals (WWD, V1 fail,
SPI fail & Tj) which are Manchester encoded and decoupled by high ohmic resistances. In
case of fail-safe event, both LS switches LS1_FSO and LS2_FSO are switched on.
In case of entering V1_standby mode or Vbat_standby mode both fail safe low-side
switches are switched on to minimize the current drawn by the fail safe block (e.g. oscillator
is switched off and Manchester Encoding is deactivated). Short circuit protection to VS is
active in both standby modes limiting the current to IOLimit for a filter of tSCF.
After this filter time the fail-safe switches are switched off and LSxFSO_OC (SR 3) is set. To
reactivate the low-side functionality this bit has to be set back by a read and clear command.
In case of VS loss the fail safe switches are biased by their own output voltage to turn on the
low-side switches down to VOUT_max.
To allow verification of the Fail-Safe path, the low-side switches LS1_FSO and LS2_FSO
can be turned on by SPI (Configuration Register 0x3F bit 4: FS_FORCED)
Figure 44. LSx_FSO: low-side driver “passively” turned on, taking supply from output
pin (if main supply fails), can guarantee VLSx_FSO < VOUT_max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com