công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ120 bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện L99DZ120
Giải thích chi tiết về linh kiện  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 64Page - STMicroelectronics L99DZ120 Datasheet HTML 65Page - STMicroelectronics L99DZ120 Datasheet HTML 66Page - STMicroelectronics L99DZ120 Datasheet HTML 67Page - STMicroelectronics L99DZ120 Datasheet HTML 68Page - STMicroelectronics L99DZ120 Datasheet HTML 69Page - STMicroelectronics L99DZ120 Datasheet HTML 70Page - STMicroelectronics L99DZ120 Datasheet HTML 71Page - STMicroelectronics L99DZ120 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 161 page
background image
Application information
L99DZ120
68/161
DS11567 Rev 5
Figure 26. Watchdog with error conditions
Figure 27. Watchdog in Flash mode
Note:
Whenever the device is operated without servicing the mandatory watchdog trigger events,
a sequence of 15 consecutive reset events is performed and the device enters the
Forced_Vbat_Stby mode with bit FORCED_SLEEP_WD in SR1 set.
If the device is woken up after such a forced VBAT_Standby condition and the watchdog is
still not serviced, the device, after one long open watchdog window will re-enter the same
Forced_Vbat_Stby mode until the next wake up event. In this case, an additional watchdog
failure is generated, but the fail counter is not cleared, keeping the maximum number of 15
failures. This sequence is repeated until a valid watchdog trigger event is performed by
writing TRIG = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com