| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ETC5054D bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ETC5054D bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 18 page ![]() TRANSMISSION CHARACTERISTICS TA = 0 to 70 °C, VCC = +5V ±5%, VBB = –5V ±5%, GNDA = 0V, f = 1.0KHz, VIN = 0dBm0 transmit input amplifier connected for unity-gain non-inverting (unless otherwise specified). AMPLITUDE RESPONSE Symbol Parameter Min. Typ. Max. Unit Absolute levels - nominal 0 dBm0 level is 4 dBm (600 Ω) 0 dBm0 1.2276 Vrms tMAX Max Overload Level 3.14 dBm0 (A LAW) 3.17 dBm0 (U LAW) 2.492 2.501 VPK VPK GXA Transmit Gain, Absolute (TA = 25 °C, VCC = 5 V, VBB = –5V) Input at GSX = 0 dBm0 at 1020 Hz – 0.15 0.15 dB GXR Transmit Gain, Relative to GXA f = 16 Hz f = 50 Hz f = 60 Hz f = 180 Hz f = 200 Hz f = 300 Hz - 3000 Hz f = 3300 Hz f = 3400 Hz f = 4000 Hz f = 4600 Hz and up, Measure Response from 0 Hz to 4000 Hz – 2.8 – 1.8 – 0.15 – 0.35 – 0.7 –40 –30 –26 – 0.2 – 0.1 0.15 0.05 0 –14 –32 dB GXAT Absolute Transmit Gain Variation with Temperature TA = 0 to +70 °C – 0.1 0.1 dB GXAV Absolute Transmit Gain Variation with Supply Voltage (VCC =5 V ± 5%, VBB = –5V ± 5 %) – 0.05 0.05 dB GXRL Transmit Gain Variations with Level Sinusoidal Test Method Reference Level = – 10 dBm0 VFXI+ = – 40 dBm0 to + 3 dBm0 VFXI+ = – 50 dBm0 to – 40 dBm0 VFXI+ = – 55 dBm0 to – 50 dBm0 – 0.2 – 0.4 – 1.2 0.2 0.4 1.2 dB dB dB GRA Receive Gain, Absolute (TA =25 °C, VCC = 5V, VBB = –5V) Input = Digital Code Sequence for 0dBm0 Signal at 1020Hz – 0.15 0.15 dB GRR Receive Gain, Relative to GRA f = 0Hz to 3000Hz f = 3300Hz f = 3400Hz f = 4000Hz – 0.35 – 0.35 – 0.7 0.20 0.05 0 –14 dB dB dB dB GRAT Absolute Transmit Gain Variation with Temperature TA = 0 to +70 °C – 0.1 0.1 dB GRAV Absolute Receive Gain Variation with Supply Voltage (VCC =5 V ± 5%, VBB = –5V ± 5 %) – 0.05 0.05 dB GRRL Receive Gain Variations with Level Sinusoidal Test Method; Reference input PCM code corresponds to an ideally encoded – 10 dBm0 signal PCM level = – 40 dBm0 to + 3 dBm0 PCM level = – 50 dBm0 to – 40 dBm0 PCM level = – 55 dBm0 to – 50 dBm0 – 0.2 – 0.4 – 1.2 0.2 0.4 1.2 dB dB dB VRO Receive Output Drive Level (RL = 600 Ω) – 2.5 2.5 V ETC5054 - ETC5057 10/18 |