| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS85RS1MTY bảng dữ liệu(PDF) 4 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MS85RS1MTY bảng dữ liệu(HTML) 4 Page - RAMXEED LIMITED |
|
4 / 43 page ![]() MS85RS1MTY(AEC-Q100 Compliant) 4 DS501-00096-1v0-E SERIAL PERIPHERAL INTERFACE (SPI) MS85RS1MTY works as a slave of SPI. More than 2 devices can be connected by using microcontroller equipped with SPI port. By using a microcontroller not equipped with SPI port, SI and SO can be bus connected to use. SCK SS1 HS1 MOSI MISO SS2 HS2 SCK CS HOLD SI SO SCK CS HOLD SI SO MS85RS1MTY MS85RS1MTY SCK CS HOLD SI SO MS85RS1MTY SPI Microcontroller MOSI : Master Out Slave In MISO : Master In Slave Out SS : Slave Select HS : Hold Select System Configuration with SPI Port System Configuration without SPI Port Microcontroller |