| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430 bảng dữ liệu(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 bảng dữ liệu(HTML) 80 Page - Texas Instruments |
|
80 / 96 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 24-Jul-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant M430G2533IPW20RG4 TSSOP PW 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 MSP430G2203IPW20R TSSOP PW 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 MSP430G2203IPW28R TSSOP PW 28 2000 330.0 16.4 6.75 10.1 1.8 12.0 16.0 Q1 MSP430G2203IRHB32R VQFN RHB 32 3000 330.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 MSP430G2233IPW20R TSSOP PW 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 MSP430G2233IPW28R TSSOP PW 28 2000 330.0 16.4 6.75 10.1 1.8 12.0 16.0 Q1 MSP430G2233IRHB32R VQFN RHB 32 3000 330.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 MSP430G2233IRHB32T VQFN RHB 32 250 180.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 MSP430G2303IPW20R TSSOP PW 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 MSP430G2303IPW28R TSSOP PW 28 2000 330.0 16.4 6.75 10.1 1.8 12.0 16.0 Q1 MSP430G2303IRHB32R VQFN RHB 32 3000 330.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 MSP430G2303IRHB32T VQFN RHB 32 250 180.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 MSP430G2333IPW20R TSSOP PW 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 MSP430G2333IPW28R TSSOP PW 28 2000 330.0 16.4 6.75 10.1 1.8 12.0 16.0 Q1 MSP430G2333IRHB32R VQFN RHB 32 3000 330.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 MSP430G2333IRHB32T VQFN RHB 32 250 180.0 12.4 5.3 5.3 1.1 8.0 12.0 Q2 Pack Materials-Page 1 |