| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 96 page ![]() 6 MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233 MSP430G2403, MSP430G2303, MSP430G2203 SLAS734G – APRIL 2011 – REVISED APRIL 2016 www.ti.com Submit Documentation Feedback Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303 MSP430G2203 Device Comparison Copyright © 2011–2016, Texas Instruments Incorporated (1) For the most current device, package, and ordering information, see the Package Option Addendum in Section 8, or see the TI website at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 3 Device Comparison Table 3-1 compares the available family members. Table 3-1. Device Comparison(1)(2) DEVICE BSL EEM FLASH (KB) RAM (B) Timer_A ADC10 CHANNELS USCI_A0, USCI_B0 CLOCK I/O PACKAGE MSP430G2533 1 1 16 512 2x TA3 8 1 LF, DCO, VLO 24 32-QFN 24 28-TSSOP 16 20-TSSOP 16 20-PDIP MSP430G2433 1 1 8 512 2x TA3 8 1 LF, DCO, VLO 24 32-QFN 24 28-TSSOP 16 20-TSSOP 16 20-PDIP MSP430G2333 1 1 4 256 2x TA3 8 1 LF, DCO, VLO 24 32-QFN 24 28-TSSOP 16 20-TSSOP 16 20-PDIP MSP430G2233 1 1 2 256 2x TA3 8 1 LF, DCO, VLO 24 32-QFN 24 28-TSSOP 16 20-TSSOP 16 20-PDIP MSP430G2403 1 1 8 512 2x TA3 – 1 LF, DCO, VLO 24 32-QFN 24 28-TSSOP 16 20-TSSOP 16 20-PDIP MSP430G2303 1 1 4 256 2x TA3 – 1 LF, DCO, VLO 24 32-QFN 24 28-TSSOP 16 20-TSSOP 16 20-PDIP MSP430G2203 1 1 2 256 2x TA3 – 1 LF, DCO, VLO 24 32-QFN 24 28-TSSOP 16 20-TSSOP 16 20-PDIP |