công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3232CPWRG4.B bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện MAX3232CPWRG4.B
Giải thích chi tiết về linh kiện  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3232CPWRG4.B bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button MAX3232CPWRG4.B Datasheet HTML 2Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 3Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 4Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 5Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 6Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 7Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 8Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 9Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6.7 Electrical Characteristics — Receiver
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2) (see Typical
Operating Circuit and Capacitor Values)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
VCC – 0.6
VCC – 0.1
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VIT+
Positive-going input threshold voltage
VCC = 3.3 V
1.5
2.4
V
VCC = 5 V
1.8
2.4
VIT–
Negative-going input threshold voltage
VCC = 3.3 V
0.6
1.2
V
VCC = 5 V
0.8
1.5
Vhys
Input hysteresis (VIT+ – VIT–)
0.3
V
rI
Input resistance
VI = ±3 V to ±25 V
3
5
7
kΩ
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
6.8 Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(3) (see Typical
Operating Circuit and Capacitor Values)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Maximum data rate
RL = 3 kΩ,
CL = 1000 pF
150
250
kbit/s
One DOUT switching,
See Figure 7-1
tsk(p)
Driver Pulse skew(2)
RL = 3 kΩ to 7 kΩ,
CL = 150 to 2500 pF
300
ns
See Figure 7-2
SR(tr)
Slew rate, transition region
(see Figure 7-1)
RL = 3 kΩ to 7 kΩ,
VCC = 5 V
CL = 150 to 1000 pF
6
30
V/μs
CL = 150 to 2500 pF
4
30
tPLH®)
Propagation delay time, low- to high-
level output
CL = 150 pF
300
ns
tPHL®)
Propagation delay time, high- to low-
level output
300
tsk(p)
Receiver Pulse skew(3)
300
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Pulse skew is defined as |tPLH − tPHL| of each channel of the same device.
(3)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
MAX3232
SLLS410O – JANUARY 2000 – REVISED JUNE 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MAX3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com