công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3232CPWRG4.B bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện MAX3232CPWRG4.B
Giải thích chi tiết về linh kiện  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3232CPWRG4.B bảng dữ liệu(HTML) 3 Page - Texas Instruments

  MAX3232CPWRG4.B Datasheet HTML 1Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 2Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 3Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 4Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 5Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 6Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 7Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 8Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
5 Pin Configuration and Functions
1
C1+
16
VCC
2
V+
15
GND
3
C1±
14
DOUT1
4
C2+
13
RIN1
5
C2±
12
ROUT1
6
V±
11
DIN1
7
DOUT2
10
DIN2
8
RIN2
9
ROUT2
Not to scale
Figure 5-1. D, DB, DW, or PW Package, 16-Pin SOIC, SSOP, or TSSOP, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
C1+
1
—
Positive lead of C1 capacitor
V+
2
O
Positive charge pump output for storage capacitor only
C1–
3
—
Negative lead of C1 capacitor
C2+
4
—
Positive lead of C2 capacitor
C2–
5
—
Negative lead of C2 capacitor
V–
6
O
Negative charge pump output for storage capacitor only
DOUT2
7
O
RS232 line data output (to remote RS232 system)
DOUT1
14
O
RS232 line data output (to remote RS232 system)
RIN2
8
I
RS232 line data input (from remote RS232 system)
RIN1
13
I
RS232 line data input (from remote RS232 system)
ROUT2
9
O
Logic data output (to UART)
ROUT1
12
O
Logic data output (to UART)
DIN2
10
I
Logic data input (from UART)
DIN1
11
I
Logic data input (from UART)
GND
15
—
Ground
VCC
16
—
Supply Voltage, Connect to external 3 V to 5.5 V power supply
www.ti.com
MAX3232
SLLS410O – JANUARY 2000 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MAX3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30