| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX3232CPWRG4.B bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MAX3232CPWRG4.B bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 30 page ![]() 6.4 Thermal Information THERMAL METRIC(1) MAX3232 UNIT SOIC (D) SSOP (DB) SOIC (DW) TSSOP (PW) 16 PINS RθJA Junction-to-ambient thermal resistance 85.9 103.1 66.6 108.2 °C/W RθJC(top) Junction-to-case (top) thermal resistance 43.1 49.2 32.4 39.0 °C/W RθJB Junction-to-board thermal resistance 44.5 54.8 31.9 54.4 °C/W ψJT Junction-to-top characterization parameter 10.1 12 8.4 3.3 °C/W ψJB Junction-to-board characterization parameter 44.1 54.1 31.5 53.8 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance n/a n/a n/a n/a °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 6.5 Electrical Characteristics — Device over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2) (see Typical Operating Circuit and Capacitor Values) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT ICC Supply current No load, VCC = 3.3 V to 5 V 0.3 1 mA (1) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. (2) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. 6.6 Electrical Characteristics — Driver over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(3) (see Typical Operating Circuit and Capacitor Values) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VOH High-level output voltage DOUT at RL = 3 kΩ to GND, DIN = GND 5 5.4 V VOL Low-level output voltage DOUT at RL = 3 kΩ to GND, DIN = VCC –5 –5.4 V IIH High-level input current VI = VCC ±0.01 ±1 μA IIL Low-level input current VI at GND ±0.01 ±1 μA IOS (2) Short-circuit output current VCC = 3.6 V VO = 0 V ±35 ±60 mA VCC = 5.5 V VO = 0 V rO Output resistance VCC, V+, and V– = 0 V VO = ±2 V 300 10M Ω (1) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. (2) Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one output should be shorted at a time. (3) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 www.ti.com MAX3232 SLLS410O – JANUARY 2000 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: MAX3232 |