| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC563M60X bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M60X bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 128 page ![]() AN[15] FCK ETPU_A[29] Single Ended Analog Input eQADC Free Running Clock ETPU_A Ch. PCR[218] 011 010 000 I O O VDDEH7 I / – AN[15] / – 116 145 AN[16] Single Ended Analog Input — — I VDDA I / – AN[x] / – 3 3 AN[17] Single Ended Analog Input — — I VDDA I / – AN[x] / – 2 2 AN[18] Single Ended Analog Input — — I VDDA I / – AN[x] / – 1 1 AN[21] Single Ended Analog Input — — I VDDA I / – AN[x] / – 144 173 AN[22] Single Ended Analog Input — — I VDDA I / – AN[x] / – 132 161 AN[23] Single Ended Analog Input — — I VDDA I / – AN[x] / – 131 160 AN[24] Single Ended Analog Input — — I VDDA I / – AN[x] / – 130 159 AN[25] Single Ended Analog Input — — I VDDA I / – AN[x] / – 129 158 AN[27] Single Ended Analog Input — — I VDDA I / – AN[x] / – 128 157 AN[28] Single Ended Analog Input — — I VDDA I / – AN[x] / – 127 156 AN[30] Single Ended Analog Input — — I VDDA I / – AN[x] / – 126 155 AN[31] Single Ended Analog Input — — I VDDA I / – AN[x] / – 125 154 AN[32] Single Ended Analog Input — — I VDDA I / – AN[x] / – 124 153 AN[33] Single Ended Analog Input — — I VDDA I / – AN[x] / – 123 152 AN[34] Single Ended Analog Input — — I VDDA I / – AN[x] / – 122 151 AN[35] Single Ended Analog Input — — I VDDA I / – AN[x] / – 121 150 AN[36] Single Ended Analog Input — — I VDDA I / – AN[x] / – — 174 AN[37] Single Ended Analog Input — — I VDDA I / – AN[x] / – — 175 AN[38]-AN[8]- ANW Single Ended Analog Input Multiplexed Analog Input — — I VDDA I / – AN[38] / – 9 9 Table 4. SPC563Mx signal properties (continued) Name Function(1) Pad Config. Register (PCR)(2) PCR PA Field(3) I/O Type Voltage(4) / Pad Type Reset State(5) Function / State After Reset(6) Pin No. LQFP 144 LQFP 176 |