công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2907M/NOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM2907M/NOPB
Giải thích chi tiết về linh kiện  LM2907 and LM2917 Frequency to Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM2907M/NOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM2907M/NOPB Datasheet HTML 1Page - Texas Instruments LM2907M/NOPB Datasheet HTML 2Page - Texas Instruments LM2907M/NOPB Datasheet HTML 3Page - Texas Instruments LM2907M/NOPB Datasheet HTML 4Page - Texas Instruments LM2907M/NOPB Datasheet HTML 5Page - Texas Instruments LM2907M/NOPB Datasheet HTML 6Page - Texas Instruments LM2907M/NOPB Datasheet HTML 7Page - Texas Instruments LM2907M/NOPB Datasheet HTML 8Page - Texas Instruments LM2907M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
1
TACH+
14
NC
2
CP1
13
NC
3
CP2
12
GND
4
IN+
11
TACH±
5
EMIT
10
IN±
6
NC
9
V+
7
NC
8
COL
Not to scale
4
LM2907-N, LM2917-N
SNAS555D – JUNE 2000 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM2907-N LM2917-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
NFF and D Package
14-Pin PDIP and SOIC
Top View
Pin Functions: 14 Pins
PIN
I/O
DESCRIPTION
NAME
NO.
COL
8
I
The collector of the bipolar junction transistor
CP1
2
O
A capacitor placed on this pin will be charged up to VCC/2 by a constant current source of 180 µA
typical at the start of every positive half cycle. At the beginning of negative half cycles this capacitor is
discharged the same amount at the same rate.
CP2
3
O
The charge pump sources current out of this pin equal to the absolute value of the capacitor current
on CP1. A resistor and capacitor in parallel connected to this pin filters the current pulses into the
output voltage.
EMIT
5
O
The emitter of the bipolar junction transistor
GND
12
G
Ground
IN+
4
I
The noninverting input to the high gain op amp
IN–
10
I
The inverting input to the high gain op amp
NC
6, 7, 13, 14
—
No connect
TACH+
1
I
Positive terminal for the input signal that leads to the noninverting terminal of the internal Schmitt-
Trigger comparator.
TACH–
11
I
Negative terminal for the input signal that leads to the noninverting terminal of the internal Schmitt-
Trigger comparator.
V+
9
I
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com