công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2907M/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM2907M/NOPB
Giải thích chi tiết về linh kiện  LM2907 and LM2917 Frequency to Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM2907M/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM2907M/NOPB Datasheet HTML 1Page - Texas Instruments LM2907M/NOPB Datasheet HTML 2Page - Texas Instruments LM2907M/NOPB Datasheet HTML 3Page - Texas Instruments LM2907M/NOPB Datasheet HTML 4Page - Texas Instruments LM2907M/NOPB Datasheet HTML 5Page - Texas Instruments LM2907M/NOPB Datasheet HTML 6Page - Texas Instruments LM2907M/NOPB Datasheet HTML 7Page - Texas Instruments LM2907M/NOPB Datasheet HTML 8Page - Texas Instruments LM2907M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
TACH+
8
TACH±/GND
2
CP1
7
IN±
3
CP2/IN+
6
V+
4
EMIT
5
COL
Not to scale
3
LM2907-N, LM2917-N
www.ti.com
SNAS555D – JUNE 2000 – REVISED DECEMBER 2016
Product Folder Links: LM2907-N LM2917-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Description (continued)
The more versatile configurations provide differential tachometer input and uncommitted op amp inputs. With this
version the tachometer input may be floated and the op amp becomes suitable for active filter conditioning of the
tachometer output.
Both of these configurations are available with an active shunt regulator connected across the power leads. The
regulator clamps the supply such that stable frequency-to-voltage and frequency-to-current operations are
possible with any supply voltage and a suitable resistor.
6 Pin Configuration and Functions
P and D Package
8-Pin PDIP and SOIC
Top View
Pin Functions: 8 Pins
PIN
I/O
DESCRIPTION
NAME
NO.
COL
5
I
The collector of the bipolar junction transistor
CP1
2
O
A capacitor placed on this pin will be charged up to VCC/2 by a constant current source of 180 µA
typical at the start of every positive half cycle. At the beginning of negative half cycles this capacitor
is discharged the same amount at the same rate.
CP2/IN+
3
I/O
See pins CP1 and IN+. On 8-pin devices (8-pin LM2907 and LM2917) these two nodes share a pin
and are internally connected.
EMIT
4
O
The emitter of the bipolar junction transistor
GND
—
G
Ground
IN+
—
I
The noninverting input to the high gain op amp
IN–
7
I
The inverting input to the high gain op amp
NC
—
—
No connect
TACH+
1
I
Positive terminal for the input signal that leads to the noninverting terminal of the internal Schmitt-
Trigger comparator.
TACH–/GND
8
I
Negative terminal for the input signal that leads to the noninverting terminal of the internal Schmitt-
Trigger comparator. (NOTE: On 8-pin devices, LM2907 and LM2917, this pin is internally connected
to ground and must be tied to ground externally to provide the reference voltage of the device).
V+
6
I
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com