công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CSRGZR bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện DP83867CSRGZR
Giải thích chi tiết về linh kiện  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 5Page - Texas Instruments DP83867CSRGZR Datasheet HTML 6Page - Texas Instruments DP83867CSRGZR Datasheet HTML 7Page - Texas Instruments DP83867CSRGZR Datasheet HTML 8Page - Texas Instruments DP83867CSRGZR Datasheet HTML 9Page - Texas Instruments DP83867CSRGZR Datasheet HTML 10Page - Texas Instruments DP83867CSRGZR Datasheet HTML 11Page - Texas Instruments DP83867CSRGZR Datasheet HTML 12Page - Texas Instruments DP83867CSRGZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply voltage
VDDA2P5
2.375
2.5
2.625
V
VDDA1P8
1.71
1.8
1.89
VDD1P0
0.95
1
1.155
VDDIO
3.3V option
3.15
3.3
3.45
2.5V option
2.375
2.5
2.625
1.8V option
1.71
1.8
1.89
Operating junction temperature
Commercial (DP83867CSRGZ)
0
90
°C
Industrial (DP83867ISRGZ)
–40
105
Extended (DP83867ERGZ)
–40
125
Operating free air temperature
Commercial (DP83867CSRGZ)
0
25
70
°C
Industrial (DP83867ISRGZ)
–40
25
85
Extended (DP83867ERGZ)
–40
25
105
6.4 Thermal Information
THERMAL METRIC(1)
DP83867xS, DP83867E
UNIT
RGZ (VQFN)
48 PINS
RθJA
Junction-to-ambient thermal resistance
30.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
°C/W
RθJB
Junction-to-board thermal resistance
7.5
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life
of the product containing the device.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3V VDDIO
VOH
High level output voltage
IOH = –4mA
2
V
VOL
Low level output voltage
IOL = 4mA
0.6
V
VIH
High level input voltage
1.7
V
VIL
Low level input voltage
0.7
V
2.5V VVDDIO
VOH
High level output voltage
IOH = –4mA
VDDIO × 0.8
V
VOL
Low level output voltage
IOL = 4mA
0.6
V
VIH
High level input voltage
1.7
V
VIL
Low level input voltage
0.7
V
1.8V VDDIO
VOH
High level output voltage
IOH = –1mA
VDDIO – 0.2
V
VOL
Low level output voltage
IOL = 1mA
0.2
V
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com